Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032-83BGC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYNSE70032-83BGC
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032-83BGC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYNSE70032-83BGC Datasheet HTML 6Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 7Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 8Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 9Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 10Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 11Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 12Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 13Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 10 of 126
3.0
Block Diagram
4.0
Functional Description
The following subsections contain the following descriptions: command (CMD) and DQ bus (command and databus), database
entry, arbitration logic, pipeline and SRAM control, and full logic.
4.1
Command Bus and DQ Bus
CMD[8:0] carries the command and its associated parameter. DQ[67:0] is used for data transfer to and from the database entries,
which is made up of data and mask fields that are organized as data and mask arrays. The DQ bus carries the Search data (of
the data and mask arrays and internal registers) during the Search command, as well as the address and data during Read or
Write operations. The DQ bus can also carry address information for the flow-through accesses to the external SRAMs or
SSRAMs.
4.2
Database Entry (Data Array and Mask Array)
Each database entry comprises a data and a mask field. The resultant value of the entry is “1,” “0,” or “X (don’t care),” depending
on the value in the data mask bit. The on-chip priority encoder selects the first matching entry in the database that is nearest to
location 0.
4.3
Arbitration Logic
When multiple search engines are cascaded to create large databases, the data being searched is presented simultaneously to
all search engines in the cascaded system. If multiple matches occur within the cascaded devices, arbitration logic on the search
engines will enable the winning device (with a matching entry that is closest to address 0 of the cascaded database) to drive the
SRAM bus.
Compare/PIO Data
DQ[67:0]
CMDV
CMD[8:0]
LHI[6:0]
Command
and PIO Access
CMD
Arbitration
Logic
LHO[1:0]
Pipeline
and
SRAM
Control
SADR[21:0]
OE_L
BHO[2:0]
SSF
WE_L
CE_L
ID[4:0]
BHI[2:0]
SSV
ACK
TAP
TAP
Controller
ALE_L
FULO[1:0]
FULI[6:0]
EOT
Full Logic
FULL
RST_L
PHS_L
Decode
Comparand Register Pairs [15:0]
Global Mask Register Pairs [7:0]
Information and Command Register
Burst Read Register
Burst Write Register
Next-free Address Register
Search Successful Index Registers [7:0]
CLK2X
[All registers are 68 bits wide.]
Configurable as
16K x 68
8K x 136
4K x 272
Mask Array
Configurable as
16K x 68
8K x 136
4K x 272
Data Array


Similar Part No. - CYNSE70032-83BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE70032-83BGC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com