Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032-83BGC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYNSE70032-83BGC
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032-83BGC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYNSE70032-83BGC Datasheet HTML 2Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 3Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 4Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 5Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 6Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 7Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 8Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 9Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 6 of 126
LIST OF FIGURES (continued)
Figure 15-7. SRAM Readthrough Device Number 0 in a Bank of 31 Devices
(Device Number 30 Timing) ................................................................................................................ 106
Figure 15-8. SRAM Write Access (TLSZ = 00, HLAT = 000, LRAM = 1, LDEV = 1) ......................... 107
Figure 15-9. Table of a Block of Eight Devices .................................................................................. 108
Figure 15-10. SRAM Write Through Device Number 0 in a Block of Eight Devices .......................... 109
Figure 15-11. SRAM Write Timing for Device Number 7 in a Block of Eight Devices ....................... 110
Figure 15-12. Table of 31 Devices (Four Blocks) .............................................................................. 111
Figure 15-13. SRAM Write Through Device Number 0 in a Bank of 31 Devices (Device 0 Timing) . 112
Figure 15-14. SRAM Write Through Device Number 0 in a Bank of 31 CYNSE70032 Devices
(Device Number 30 Timing) ................................................................................................................ 113
Figure 16-1. Power-up sequence ...................................................................................................... 114
Figure 17-1. Sample Switch/Router Using the CYNSE70032 Device ............................................... 115
Figure 20-1. Input Waveform for CYNSE70032 ................................................................................ 118
Figure 20-2. Output Load for CYNSE70032 ...................................................................................... 118
Figure 20-3. 2.5 I/O Output Load Equivalent for CYNSE70032 ........................................................ 118
Figure 20-4. AC Timing Waveforms with CLK2X ............................................................................... 119
Figure 21-1. Pinout Diagram (Top View) ........................................................................................... 120
Figure 23-1. Package ........................................................................................................................ 124


Similar Part No. - CYNSE70032-83BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032-83BGC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com