Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032-83BGC Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # CYNSE70032-83BGC
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032-83BGC Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button CYNSE70032-83BGC Datasheet HTML 50Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 51Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 52Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 53Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 54Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 55Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 56Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 57Page - Cypress Semiconductor CYNSE70032-83BGC Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 54 of 126
13.6
136-bit Search on Tables Configured as ×136 using up to 31 CYNSE70032 Devices
The hardware diagram of the Search subsystem of 31 devices is shown in Figure 13-31. Each of the four blocks in the diagram
represents a block of eight CYNSE70032 devices (except the last, which has seven devices). The diagram for a block of eight
devices is shown in Figure 13-32. The following are the parameters programmed into the 31 devices.
• First 30 devices (devices 0–29): CFG = 01010101, TLSZ = 10, HLAT = 001, LRAM = 0, and LDEV = 0.
• 31st device (device 30): CFG = 01010101, TLSZ = 10, HLAT = 001, LRAM = 1, and LDEV = 1.
Note
. All 31 devices must be programmed with the same value of TLSZ and HLAT. Only the last device in the table (device number
30 in this case) must be programmed with LRAM = 1 and LDEV = 1. All other upstream devices (devices 0 through 29 in this
case) must be programmed with LRAM = 0 and LDEV = 0.
The timing diagrams referred to in this paragraph reference the Hit/Miss assumptions listed in Table 13-14. For the purpose of
illustrating timings, it is further assumed that the there is only one device with a matching entry in each of the blocks. Figure 13-33
shows the timing diagram for a Search command in the 136-bit-configured table (31 devices) for each of the eight devices in
block number 0. Figure 13-34 shows the timing diagram for Search command in the 68-bit-configured table (31 devices) for all
devices above the winning device in block number 1. Figure 13-35 shows the timing diagram for the globally winning device (the
winner within its own and all blocks) in block number 1. Figure 13-36 shows the timing diagram for all devices below the globally
winning device in block number 1. Figure 13-37, Figure 13-38, and Figure 13-39, respectively, show the timing diagrams of the
devices above globally winning device, the globally winning device, and the devices below the globally winning device for block
number 2. Figure 13-40, Figure 13-41, Figure 13-42, and Figure 13-43, respectively, show the timing diagrams of the devices
above the globally winning device, the globally winning device, and the devices below the globally winning device except the last
device (device 30) for block number 3, and then the last device (device 30) for block number 3.
The 136-bit Search operation is pipelined and executes as follows. Four cycles from the Search command, each of the devices
knows the outcome internal to it for that operation. In the fifth cycle after the Search command, the devices in a block arbitrate
for a winner from among them (a “block” being less than or equal to eight devices resolving the winner by using LHI[6:0] and
LHO[1:0] signalling mechanisms). In the sixth cycle after the Search command, the blocks of devices resolve the winning block
through the BHI[2:0] and BHO[2:0] signalling mechanisms. The winning device in the winning block is the global winning device
for a Search operation.
Table 13-14. Hit/Miss Assumptions
Search Number
1
2
3
4
Block 0
MissMissMissMiss
Block 1
Miss
Miss
Hit
Miss
Block 2
Miss
Hit
Hit
Miss
Block 3
Hit
Hit
Miss
Miss


Similar Part No. - CYNSE70032-83BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032-83BGC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com