Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 16Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 17Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 18Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 20Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 21Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 22Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 23Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 20 of 126
The single Read operation takes six clock cycles that are performed in the following sequence.
• Cycle 1: The host ASIC applies the Read instruction on CMD[1:0] (CMD[2] = 0) using CMDV = 1, and the DQ bus supplies
the address as shown in Table 12-4 and Table 12-5. The host ASIC selects the CYNSE70032 device for which ID[4:0] matches
the DQ[25:21] lines. If DQ[25:21] = 11111, the host ASIC selects the CYNSE70032 with the LDEV bit set. The host ASIC also
supplies SADR[21:19] on CMD[8:6] in cycle A of the Read instruction if the Read is directed to the external SRAM.
• Cycle 2: The host ASIC floats DQ[67:0] to a three-state condition.
• Cycle 3: The host ASIC keeps DQ[67:0] in a three-state condition.
• Cycle 4: The selected device starts to drive the DQ[67:0] bus, and drives the ACK signal from Z to low.
• Cycle 5: The selected device drives the Read data from the addressed location on the DQ[67:0] bus, and drives the ACK
signal high.
• Cycle 6: The selected device floats the DQ[67:0] to a three-state condition and drives the ACK signal low.
At the termination of cycle 6, the selected device releases the ACK line to a three-state condition. The Read instruction is
complete, and a new operation can begin. Note. The latency of the SRAM Read will be different than the one described above
(see Subsection 15.2, “SRAM PIO Access” on page 99). Table 12-4 lists and describes the format of the Read address for a data
array, mask array, or SRAM.
Table 12-5 describes the Read address format for the internal registers. Figure 12-2 illustrates the timing diagram for the burst
Read of the data or mask array.
Table 12-4. Read Address Format for Data Array, Mask Array, or SRAM
DQ
[67:30]
DQ
[29]
DQ
[28:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:14]
DQ[13:0]
Reserved 0: Direct
1: Indirect
SSR Index
(applicable if
DQ[29] is
indirect)
ID
00: Data
Array
Reserved If DQ[29] is 0, this field carries the address of the data array
location. If DQ[29] is 1, the SSR Index specified on
DQ[28:26] is used to generate the address of the data array
location: {SSR[13:2], SSR[1] | DQ[1], SSR[0] | DQ[0]}.[6]
Reserved 0: Direct
1: Indirect
SSR Index
(applicable if
DQ[29] is
indirect)
ID
01: Mask
Array
Reserved If DQ[29] is 0, this field carries the address of the mask array
location. If DQ[29] is 1, the SSR Index specified on
DQ[28:26] is used to generate the address of the mask array
location: {SSR[13:2], SSR[1] | DQ[1], SSR[0] | DQ[0]}.[6]
Reserved 0: Direct
1: Indirect
SSR Index
(applicable if
DQ[29] is
indirect)
ID
10:
External
SRAM
Reserved If DQ[29] is 0, this field carries the address of the SRAM
location. If DQ[29] is 1, the SSR Index specified on
DQ[28:26] is used to generate the address of the SRAM
location: {SSR[13:2], SSR[1] | DQ[1], SSR[0] | DQ[0]}.[6]
Note:
6.
“ | ” stands for logical OR operation. “{}” stands for concatenation operator.
cycle
cycle
cycle
cycle
cycle
cycle
Read
Address
XData
1
2
345
6
CLK2X
CMDV
CMD[1:0]
ACK
DQ
CMD[8:2]
A
B
PHS_L
Figure 12-1. Single-Location Read Cycle Timing


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com