Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 28Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 29Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 30Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 31Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 32Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 33Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 34Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 35Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 32 of 126
The timing diagrams referred to in this paragraph reference the Hit/Miss assumptions defined in Table 13-6. For the purpose of
illustrating timings, it is further assumed that the there is only one device with a matching entry in each of the blocks. Figure 13-11
shows the timing diagram for a Search command in the 68-bit-configured table of 31 devices for each of the eight devices in block
number 0. Figure 13-12 shows a timing diagram for a Search command in the 68-bit-configured table of 31 devices for all the
devices in block number 1 (above the winning device in that block). Figure 13-13 shows the timing diagram for the globally winning
device (defined as the final winner within its own and all blocks) in block number 1. Figure 13-14 shows the timing diagram for
all the devices below the globally winning device in block number 1. Figure 13-15, Figure 13-16, and Figure 13-17, respectively,
show the timing diagrams of the devices above the globally winning device, the globally winning device, and the devices below
the globally winning device for block number 2. Figure 13-18, Figure 13-19, Figure 13-20, and Figure 13-21, respectively, show
the timing diagrams of the devices above the globally winning device, the globally winning device, and the devices below the
globally winning device except the last device (device 30) for block number 3.
The 68-bit Search operation is pipelined and executed as follows. Four cycles from the Search command, each of the devices
knows the outcome internal to it for that operation. In the fifth cycle after the Search command, the devices in a block arbitrate
for a winner amongst them (a “block” being defined as less than or equal to eight devices resolving the winner between them
using the LHI[6:0] and LHO[1:0] signalling mechanisms). In the sixth cycle after the Search command, the blocks resolve the
winning block through the BHI[2:0] and BHO[2:0] signalling mechanisms. The winning device within the winning block is the global
winning device for a Search operation.
Table 13-6. Hit/Miss Assumption
Search Number
1
2
3
4
Block 0
Miss
Miss
Miss
Miss
Block 1
Miss
Miss
Hit
Miss
Block 2
Miss
Hit
Hit
Miss
Block 3
Hit
Hit
Miss
Miss
BHO[2]
Block of 8 CYNSE70032s Block 0 (devices 0–7)
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHI[2]
Block of 7 CYNSE70032s Block 3 (devices 24–30)
BHI[1]
BHI[0]
GND
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
GND
BHI[2]
BHI[1]
BHI[0]
GND
Block of 8 CYNSE70032s Block 1 (devices 8–15)
Block of 8 CYNSE70032s Block 2 (devices 16–23)
DQ[67:0]
SRAM
BHO[2]
BHO[2]
BHO[1]
BHO[1]
BHO[0]
BHO[0]
CMD[8:0], CMDV
SSF, SSV
Figure 13-9. Hardware Diagram for a Table with 31 Devices


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com