Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 27Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 28Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 29Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 30Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 31Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 32Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 33Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 34Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 31 of 126
the command) is compared with each entry in the table, starting at location 0. The first matching entry’s location address L is the
winning address that is driven as part of the SRAM address on the SADR[21:0] lines (see “SRAM Addressing” on page 98). The
global winning device will drive the bus in a specific cycle. On a global miss cycle the device with LRAM = 1 (default driving device
for the SRAM bus) and LDEV = 1 (default driving device for SSF and SSV signals) will be the default driver for such missed cycles.
The Search command is a pipelined operation and executes a Search at half the rate of the frequency of CLK2X for 68-bit
searches in ×68-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 68-bit Search command
cycle (two CLK2X cycles) is shown in Table 13-4.
Search latency from command to SRAM access cycle is 5 for up to eight devices in the table (TLSZ = 01). SSV and SSF also
shift further to the right for different values of HLAT as specified in Table 13-5.
13.3
68-bit Search on Tables Configured as ×68 Using up to 31 CYNSE70032 Devices
The hardware diagram of the Search subsystem of 31 devices is shown in Figure 13-9. Each of the four blocks in the diagram
represents eight CYNSE70032 devices (except the last, which has seven devices). The diagram for a block of eight devices is
shown in Figure 13-10. The following are the parameters that are programmed into the 31 devices.
• First thirty devices (devices 0–29): CFG = 00000000, TLSZ = 10, HLAT = 001, LRAM = 0, and LDEV = 0.
• Thirty-first device (device 30): CFG = 00000000, TLSZ = 10, HLAT = 001, LRAM = 1, and LDEV = 1.
Note
. All devices must be programmed with the same values for TLSZ and HLAT. Only the last device in the table (device
number 30 in this case) must be programmed with LRAM = 1 and LDEV = 1. All other upstream devices (devices 0 through 29
in this case) must be programmed with LRAM = 0 and LDEV = 0.
Table 13-4. Search latency from Instruction to SRAM Access Cycle
Number of Devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
16K × 68 bits
4
1–8 (TLSZ = 01)
128K × 68 bits
5
1–31 (TLSZ = 10)
496K × 68 bits
6
Table 13-5. Shift of SSF and SSV from SADR
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
CFG = 00000000
67
0
Location
1
2
3
131071
(68-bit configuration)
address
K
GMR
Comparand Register (Odd)
Comparand Register (Even)
K
K
67
0
67
0
(First matching entry)
L
Must be same in each of the eight
devices
Will be the same in each of the eight
devices
0
Figure 13-8. ×68 Table with Eight Devices


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com