Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 20Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 21Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 22Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 23Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 24Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 25Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 26Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 23 of 126
The burst Write operation lasts for (n + 2) CLK cycles. n signifies the number of accesses in the burst as specified in the BLEN
field of the WBURREG. The following is the block Write operation sequence. This operation assumes that the host ASIC has
programmed the WBURREG with the ADR and the BLEN before initiating a burst Write command.
• Cycle 1A: The host ASIC applies the Write instruction to CMD[1:0] (CMD[2] = 1) using CMDV = 1, and the address supplied
on the DQ bus, as shown in Table 12-9. The host ASIC also supplies the GMR Index to mask the Write to the data or mask
array locations in CMD[5:3].
• Cycle 1B: The host ASIC continues to apply the Write instruction on CMD[1:0] (CMD[2] = 1) using CMDV = 1 and the address
supplied on the DQ bus. The host ASIC continues to supply the GMR Index to mask the Write to the data or mask array
locations in CMD[5:3]. The host ASIC selects the device for which ID[4:0] matches the DQ[25:21] lines. It selects all the devices
when DQ[25:21] = 11111.
• Cycle 2: The host ASIC drives the DQ[67:0] with the data to be written to the data or mask array location of the selected device.
The CYNSE70032 device writes the data from the DQ[67:0] bus only to the subfield that has the corresponding mask bit set
to 1 in the GMR specified by the index CMD[5:3]supplied in cycle 1.
• Cycles 3 to n + 1: The host ASIC drives DQ[67:0] with the data to be written to the next data or mask array location of the
selected device (addressed by the auto-increment ADR field of the WBURREG register).
The CYNSE70032 device writes the data on the DQ[67:0] bus only to the subfield that has the corresponding mask bit set to 1
in the GMR that is specified by the index CMD[5:3] supplied in cycle 1. The CYNSE70032 device drives the EOT signal low from
cycle 3 to cycle n; the CYNSE70032 device drives the EOT signal high in cycle n + 1 (n is specified in the BLEN field of the
WBURREG).
• Cycle n + 2: TheCYNSE70032 drives the EOT signal low.
At the termination of cycle n + 2, the CYNSE70032 device floats the EOT signal to a three-state operation, and a new instruction
can begin.
Table 12-9. Write Address Format for Data and Mask Array (Burst Write)
DQ
[67:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:14]
DQ[13:0]
Reserved
ID
00: Data array
Reserved
Do not care
. These fifteen bits come from the internal
WBURADR, which increments with each access.
Reserved
ID
01: Mask array
Reserved
Do not care
. These fifteen bits come from the internal
WBURADR, which increments with each access.
1
Data0 Data1 Data2
X
Data3
Write
Address
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
CMD[1:0]
DQ
CLK2X
EOT
CMD[8:2]
A
B
PHS_L
CMDV
Figure 12-4. Burst Write of the Data and Mask Arrays (BLEN = 4)


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com