Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 18Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 20Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 21Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 22Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 23Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 24Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 25Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 22 of 126
The following is the Write operation sequence, and Table 12-7 shows the Write address format for the data array, the mask array,
or the single-Write SRAM. Table 12-8 shows the Write address format for the internal registers.
• Cycle 1A: The host ASIC applies the Write instruction to CMD[1:0] (CMD[2] = 0) using CMDV = 1 and the address supplied
on the DQ bus. The host ASIC also supplies the GMR Index to mask the write to the data or mask array location on CMD[5:3].
For SRAM Writes, the host ASIC must supply SADR[21:19] on CMD[8:6].
• Cycle 1B: The host ASIC continues to apply the Write instruction to CMD[1:0] (CMD[2] = 0) using CMDV = 1 and the address
supplied on the DQ bus. The host ASIC continues to supply the GMR Index to mask the Write to the data or mask array
locations in CMD[5:3]. The host ASIC selects the device where ID[4:0] matches the DQ[25:21] lines, or it selects all the devices
when DQ[25:21] = 11111.
• Cycle 2: The host ASIC drives the DQ[67:0] with the data to be written to the data array, the mask array, or the register location
of the selected device.
• Cycle 3: Idle cycle.
At the termination of cycle 3, another operation can begin. Note. The latency of the SRAM Write will be different than the one
described above (see Subsection 15.2, “SRAM PIO Access” on page 99).
Figure 12-4 shows the timing diagram of a burst Write operation of the data or mask array.
Table 12-7. Write Address Format for Data Array, Mask Array, or SRAM (Single Write)
DQ
[67:30]
DQ
[29]
DQ
[28:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:14]
DQ[13:0]
Reserved 0: Direct
1: Indirect
SSR (applicable if
DQ[29] is indirect)
ID
00:
Data
Array
Reserved If DQ[29] is 0, this field carries the address of the data
array location. If DQ[29] is 1, the SSR specified on
DQ[28:26] is used to generate the address of the data
array location: {SSR[13:2], SSR[1] | DQ[1],
SSR[0] | DQ[0]}.[6]
Reserved 0: Direct
1: Indirect
SSR (applicable if
DQ[29] is indirect)
ID
01:
Mask
Array
Reserved If DQ[29] is 0, this field carries the address of the
mask array location. If DQ[29] is 1, the SSR specified
on DQ[28:26] is used to generate the address of the
mask array location: {SSR[13:2], SSR[1] | DQ[1],
SSR[0] | DQ[0]}.[6]
Reserved 0: Direct
1: Indirect
SSR (applicable if
DQ[29] is indirect)
ID
10:
External
SRAM
Reserved If DQ[29] is 0, this field carries the address of the
SRAM location. If DQ[29] is 1, the SSR specified on
DQ[28:26] is used to generate the address of the
SRAM location: {SSR[13:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}.[6]
Table 12-8. Write Address Format for Internal Registers
DQ[67:26]
DQ[25:21]
DQ[20:19]
DQ[18:6]
DQ[5:0]
Reserved
ID
11: Register
Reserved
Register address
cycle 2
cycle 3
Write
Address
Data
CMDV
CMD[1:0]
DQ
X
cycle 1
cycle 0
cycle 4
CMD[8:2]
B
PHS_L
A
CLK2X
Figure 12-3. Single Write Cycle Timing


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com