Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 17Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 18Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 20Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 21Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 22Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 23Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 24Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 21 of 126
The read operation lasts 4 + 2n CLK cycles (where n is the number of accesses in the burst specified by the BLEN field of the
RBURREG) in the sequence shown below. This operation assumes that the host ASIC has programmed the RBURREG with the
ADR and the BLEN before initiating a burst Read command.
• Cycle 1: The host ASIC applies the Read instruction on CMD[1:0] (CMD[2] = 1) using CMDV = 1 and the address supplied
on the DQ bus as shown in Table 12-6. The host ASIC selects the CYNSE70032 device where ID[4:0] matches the DQ[25:21]
lines. If DQ[25:21] = 11111, the host ASIC selects the CYNSE70032 device with the LDEV bit set.
• Cycle 2: The host ASIC floats DQ[67:0] to a three-state condition.
• Cycle 3: The host ASIC keeps DQ[67:0] in a three-state condition.
• Cycle 4: The selected device starts to drive the DQ[67:0] bus, and drives ACK and EOT from Z to low.
• Cycle 5: The selected device drives the Read data from the addressed location on the DQ[67:0] bus and drives the ACK signal
high.
Cycles 4 and 5 repeat for each additional access until all the accesses specified in the BLEN field of the RBURREG are complete.
On the last transfer, the CYNSE70032 device drives the EOT signal high.
• Cycle (4 + 2n): The selected device drives the DQ[67:0] to a three-state condition, and drives the ACK and EOT signals low.
At the termination of cycle (4 + 2n), the selected device floats the ACK line to a three-state condition. The burst Read instruction
is complete, and a new operation can begin. Table 12-6 describes the Read address format for data and mask arrays for burst
Read operations.
12.4
Write Command
The Write command can be a single Write of a data array, mask array, register, or an external SRAM location (CMD[2] = 0). It
can also be a burst Write (CMD[2] = 1) using an internal auto-incrementing address register (WBURADR) of the data or mask
array locations. A single-location Write is a three-cycle operation as shown in Figure 12-3. The burst Write adds one extra cycle
for each successive location Write.
Table 12-5. Read Address Format for Internal Registers
DQ[67:26]
DQ[25:21]
DQ[20:19]
DQ[18:6]
DQ[5:0]
Reserved
ID
11: Register
Reserved
Register Address
Table 12-6. Read Address Format for Data and Mask Arrays
DQ[67:26] DQ[25:21]
DQ[20:19]
DQ[18:14]
DQ[13:0]
Reserved
ID
00: Data Array
Reserved Do not care. These fifteen bits come from the internal RBURADR, which
increments for each access.
Reserved
ID
01: Mask Array Reserved Do not care. These fifteen bits come from the internal RBURADR, which
increments for each access.
CMDV
CMD[1:0]
ACK
EOT
DQ
FF
FF
Data1
cycle
1
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
7
cycle
8
cycle
9
cycle
10
cycle
11
cycle
12
Data0
Data2
FF
Data3
FF
PHS_L
CMD[8:2]
Address
A B
Read
CLK2X
Figure 12-2. Burst Read of the Data and Mask Arrays (BLEN = 4)


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com