Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 15Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 16Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 17Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 18Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 20Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 21Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 22Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 19 of 126
12.2
Commands and Command Parameters
Table 12-2 lists the CMD bus fields that contain the CYNSE70032 command parameters and their respective cycles. Each
command is described separately in the subsections that follow.
12.3
Read Command
The Read can be a single Read of a data array, a mask array, an SRAM, or a register location (CMD[2] = 0). It can be a burst
Read of the data (CMD[2] = 1) or mask array locations using an internal autoincrementing address register (RBURADR).
A description of each type is provided in Table 12-3. A single-location Read operation lasts six cycles, as shown in Figure 12-1.
The burst Read adds two cycles for each successive Read. The SADR[21:19] bits supplied in Read instruction cycle A drive
SADR[21:19] signals during the Read of an SRAM location.
Note:
5.
The 272-bit-configured devices or 272-bit-configured quadrants within devices do not support the Learn instruction.
Table 12-2. Command Parameters
Command
CYC
8
7
6
5
4
321
0
Read
A
SADR[21]
SADR[20]
SADR[19]
0
0
0
0 = Single
1 = Burst
00
B
0
0
0
0
0
0
0 = Single
1 = Burst
00
Write
A
SADR[21]
SADR[20]
SADR[19]
GMR Index [2:0]
0 = Single
1 = Burst
01
B
0
0
0
GMR Index [2:0]
0 = Single
1 = Burst
01
Search
A
SADR[21]
SADR[20]
SADR[19]
GMR Index 2:0]
68-bit or 136-bit: 0
272-bit:
1 in first cycle
0 in second cycle
10
B
SSR Index[2:0]
Comparand Register Index
1
0
Learn[5]
A
SADR[21]
SADR[20]
SADR[19]
Comparand Register Index
1
1
B0
0
Mode
0: 68-bit
1: 136-bit
Comparand Register Index
1
1
Table 12-3. Read Command Parameters
Command Parameter
CMD[2]
Read Command
Description
0
Single Read
Reads a single location of the data array, mask array, external SRAM, or device
registers. All access information is applied on the DQ bus.
1
Burst Read
Reads a block of locations from the data or mask arrays as a burst. The RBURADR
specifies the starting address and the length of the data transfer from the data or
mask array, and it autoincrements the address for each access. All other access
information is applied on the DQ bus. Note. The device registers and external
SRAM can only be read in single-Read mode.


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com