Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 12Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 13Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 14Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 15Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 16Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 17Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 18Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 16 of 126
9.1
Read Burst Address Register
Table 9-2 shows the Read burst address register (RBURREG) fields that must be programmed before a burst Read.
9.2
Write Burst Address Register Description
Table 9-3 describes the Write burst address register (WBURREG) fields that must be programmed before a burst Write.
9.3
NFA Register
Bit[0] of each 68-bit data entry is specially designated for use in the operation of the Learn command. For 68-bit-configured
quadrants, this bit indicates whether a location is full (bit set to 1) or empty (bit set to 0). Every Write or Learn command loads
the address of the first 68-bit location containing a 0 into the entry’s bit[0]. This is stored in the NFA register (see Table 9-4). If all
the bits[0] in a device are set to 1, the CYNSE70032 asserts FULO[1:0] to 1.
For a 136-bit-configured quadrants, the LSB of the NFA register is always set to 0. The host ASIC must set both bit[0] and bit[68]
in a 136-bit word to either 0 or 1 to indicate full or empty status. Both bit[0] and bit[68] must be set to either 0 or 1, (that is, the 10
or 01 settings are invalid).
Table 9-2. Read Burst Register Description
Field
Range
Initial Value
Description
ADR
[13:0]
0
Address. This is the starting address of the data or mask array during a burst Read
operation. It automatically increments by one for each successive Read of the data or
mask array. Once the operation is complete, the contents of this field must be reinitialized
for the next operation.
[18:14]
Reserved.
BLEN
[27:19]
0
Length of Burst Access. The device provides the capability to Read from 4–511 locations
in a single burst. The BLEN decrements automatically. Once the operation is complete,
the contents of this field must be reinitialized for the next operation.
[67:28]
Reserved.
Table 9-3. Write Burst Register Description
Field
Range
Initial Value
Description
ADR
[13:0]
0
Address. This is the starting address of the data or mask array during a burst
Write operation. It automatically increments by one for each successive write of
the data or mask array. Once the operation is complete, the contents of this field
must be reinitialized for the next operation.
[18:14]
Reserved.
BLEN
[27:19]
0
Length of Burst Access. The device provides the capability to write from 4–511
locations in a single burst. The BLEN decrements automatically. Once the
operation is complete, the contents of this field must be reinitialized for the next
operation.
[67:28]
Reserved.
Table 9-4. NFA Register
Address
67–14
13–0
60
Reserved
Index


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com