Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 11Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 12Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 13Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 14Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 15Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 16Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 17Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 18Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 15 of 126
9.0
Information Register
Table 9-1 describes the information register fields.
TLSZ
[3:2]
01
Table Size. The host ASIC must program this field to configure the chips into a table of
a certain size. This field affects the pipeline latency of the Search and Learn operations
as well as the Read and Write accesses to the SRAM (SADR[21:0], CE_L, OE_L, WE_L,
ALE_L, SSV, SSF, and ACK). Once programmed, the Search latency stays constant.
The latency by number of CLK cycles is as follows:
00: One device
4
01: Up to eight devices 5
10: Up to 31 devices
6
11: Reserved.
HLAT
[6:4]
000
Latency of Hit Signals. This field further adds latency to the SSF and SSV signals by
the following number of CLK cycles during searches and ACKs in an SRAM Read access:
000: 0
100: 4
001: 1
101: 5
010: 2
110: 6
011: 3
111: 7.
LDEV
[7]
0
Last Device in the Cascade. When set, this is the last device in the depth-cascaded
table and is the default driver for the SSF and SSV signals. In the event of a Search failure,
the device with this bit set drives the hit signals as follows: SSF = 0, SSV = 1.
During nonSearch cycles, the device with this bit set drives the signals as follows:
SSF = 0, SSV = 0.
LRAM
[8]
0
Last Device on the SRAM Bus. When set, this device is the last device on the SRAM
bus in the depth-cascaded table and is the default driver for the SADR, CE_L, WE_L, and
ALE_L signals. In cycles where no CYNSE70032 device (in a depth-cascaded table)
drives these signals, the signals are driven as follows: SADR = 22’h3FFFFF, CE_L = 1,
WE_L = 1, and ALE_L = 1. OE_L is always driven by the device for which this bit is set.
CFG
[16:9]
00000000
Database Configuration. The device is divided internally into four partitions of 8K × 68
bits, each of which can be configured as 8K × 68 bits, 4K × 136 bits, or 2K × 272 bits, as
follows:
00: 4K × 68 bits
01: 2K × 136 bits
10: 1K × 272 bits
11: Reserved.
Bits[10:9] apply to configuring the first partition in the address space.
Bits[12:11] apply to configuring the second partition in the address space.
Bits[14:13] apply to configuring the third partition in the address space.
Bits[16:15] apply to configuring the fourth partition in the address space.
[67:17]
0
Reserved.
Table 9-1. Information Register Description
Field
Range
Initial Value
Description
Revision
[3:0]
0001
Revision Number. This is the current device revision number. Numbers
start at one and increment by one for each revision of the device.
Implementation
[6:4]
000
This is the device implementation number.
Reserved
[7]
0
Reserved.
Device ID
[11:8]
0001
This is the device identification number.
Device ID
[12]
0 or 1
Reserved.
Device ID
[15:13]
000
These are the three most significant bits of the device identification
number.
MFID
[31:16]
1101_1100_0111_1111
Manufacturer ID. This field is the same as the manufacturer identifi-
cation number and continuation bits in the TAP controller.
Reserved
[67:32]
Reserved.
Table 8-1. Command Register Description (continued)
Field
Range
Initial Value
Description


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com