Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 9Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 10Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 11Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 12Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 13Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 14Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 15Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 16Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 13 of 126
6.0
Clocks
The CYNSE70032 device receives the CLK2X and PHS_L signals. It uses the PHS_L signal to divide CLK2X and generate an
internal clock (CLK[3]), as shown in Figure 6-1. The CYNSE70032 device uses CLK2X and CLK for internal operations.
7.0
Registers
All registers in the CYNSE70032 are 68 bits wide. The CYNSE70032 device contains sixteen pairs of comparand storage
registers, eight pairs of GMRs, eight search successful index registers and one each of command, information, burst Read, burst
Write, and next-free address registers. Table 7-1 provides an overview of all the CYNSE70032 registers. The registers are listed
in ascending address order. Each register group is then described in the subsections that follow.
7.1
Comparand Registers
The device contains 32 68-bit comparand registers (sixteen pairs) dynamically selected in every Search operation to store the
comparand presented on the DQ bus. The Learn command will later use these registers when it is executed. The CYNSE70032
device stores the Search command’s cycle A comparand in the even-numbered register and its cycle B comparand in the
odd-numbered register, as shown in Figure 7-1.
Notes:
3.
Any reference to “CLK” cycles means one cycle of CLK.
4.
.“CLK” is an internal clock signal.
Table 7-1. Register Overview
Address
Abbreviation
Type
Name
0–31
COMP0–31
R
Sixteen pairs of comparand registers that store comparands from the DQ bus
for learning later.
32–47
MASKS
RW
Eight GMR pairs.
48–55
SSR0–7
R
Eight search successful index registers.
56
COMMAND
RW
Command register.
57
INFO
R
Information register.
58
RBURREG
RW
Burst Read register.
59
WBURREG
RW
Burst Write register.
60
NFA
R
Next-free address register.
61–63
Reserved.
CLK2X
PHS_L
Figure 6-1. CYNSE70032 Clocks (CLK2X and PHS_L)
CLK[4]
135
0
68
68
1
0
3
2
5
4
7
6
30
31
index
0
15
1
Address
Figure 7-1. Comparand Register Selection during Search and Learn Instructions


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com