Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 8Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 9Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 10Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 11Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 12Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 13Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 14Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 15Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 12 of 126
OE_L
T
SRAM Output Enable. This is the output-enable control for external SRAMs. Only the
last device drives this signal (with the LRAM bit set).
ALE_L
T
Address Latch Enable. When this signal is low, the addresses are valid on the SRAM
address bus. In a database of multiple CYNSE70032s, the ALE_L of all cascaded devices
must be connected. This signal is then driven by only one of the devices.
Cascade Interface
LHI[6:0]
I
Local Hit In. These pins depth cascade the device to form a larger table. One signal of
this bus is connected to the LHO[1] or LHO[0] of each of the upstream devices in a block.
All unused LHI pins are connected to a logic 0. (For more information, see Section 14.0,
“Depth-Cascading” on page 96.)
LHO[1:0]
O
Local Hit Out. LHO[1] and LHO[0] are the same logical signal. Either the LHO[1] or the
LHO[0] is connected to one input of the LHI bus of up to four downstream devices in a
block of up to eight. (For more information see Section 14.0, “Depth-Cascading” on
page 96.)
BHI[2:0]
I
Block Hit In. Inputs from the previous block BHO[2:0] are tied to the BHI[2:0] of the current
device. In a four-block system, the last block can contain only seven devices because the
identification code 11111 is used for broadcast access.
BHO[2:0]
O
Block Hit Out. These outputs from the last device in a block are connected to the BHI[2:0]
inputs of the devices in the downstream blocks.
FULI[6:0]
I
Full In. Each signal in this bus is connected to FULO[0] or FULO[1] of an upstream device
to generate the FULL flag for the depth-cascaded block.
FULO[1:0]
O
Full Out. FULO[1] and FULO[0] are the same logical signal. One of these two signals
must be connected to the FULI of up to four downstream devices in a depth-cascaded
table. Bit[0] in the data array indicates whether the entry is full (1) or empty (0).This signal
is asserted if all bits in the data array are 1s. (Refer to Section 14.0, “Depth-Cascading”
on page 96, for information on how to generate the FULL flag.)
FULL
O
Full Flag. When asserted, this signal indicates that the table of multiple depth-cascaded
devices is full.
Device Identification
ID[4:0]
I
Device Identification. The binary-encoded device identification for a depth-cascaded
system starts at 00000 and goes up to 11110. 11111 is reserved for a special broadcast
address that selects all cascaded search engines in the system. On a broadcast
Read-only, the device with the LDEV bit set to 1 responds.
Supplies
VDD
n/a
Chip Core Supply. 1.8V.
VDDQ
n/a
Chip I/O Supply. 2.5V or 3.3V.
Test Access Port
TDI
I
Test Access Port’s Test Data In.
TCK
I
Test Access Port’s Test Clock.
TDO
T
Test Access Port’s Test Data Out.
TMS
I
Test Access Port’s Test Mode Select.
TRST_L
I
Test Access Port’s Reset.
Table 5-1. CYNSE70032 Signal Description (continued)
Parameter
Type[1]
Description


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com