Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 100 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 100 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 96Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 97Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 98Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 99Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 100Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 101Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 102Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 103Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 104Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 100 of 126
15.4
SRAM Read with a Table of up to Eight Devices
The following explains the SRAM Read operation completed through a table of up to eight devices using the following parameter:
TLSZ = 01. Figure 15-2 diagrams a block of eight devices. The following assumes that SRAM access is successfully achieved
through CYNSE70032 device number 0. Figure 15-3 and Figure 15-4 show timing diagrams for device number 0 and device
number 7, respectively.
• Cycle 1A: The host ASIC applies the Read instruction on CMD[1:0] using CMDV = 1. The DQ bus supplies the address, with
DQ[20:19] set to 10, to select the SRAM address. The host ASIC selects the device for which ID[4:0] matches the DQ[25:21]
lines. During this cycle the host ASIC also supplies SADR[21:19] on CMD[8:6].
• Cycle 1B: The host ASIC continues to apply the Read instruction on CMD[1:0] using CMDV = 1. The DQ bus supplies the
address, with DQ[20:19] set to 10 to select the SRAM address.
• Cycle 2: The host ASIC floats DQ[67:0] to a three-state condition.
• Cycle 3: The host ASIC keeps DQ[67:0] in a three-state condition.
• Cycle 4: The selected device starts to drive DQ[67:0].
• Cycle 5: The selected device continues to drive DQ[67:0] and drives ACK from high-Z to low.
• Cycle 6: The selected device drives the Read address on SADR[21:0]. It also drives ACK high, CE_L low, WE_L high, and
ALE_L low.
• Cycle 7: The selected device drives CE_L, ALE_L, WE_L, and DQ bus in a three-state condition. It continues to drive ACK low.
At the end of cycle 7, the selected device floats ACK in a three-state condition, and a new command can begin.
cycle
CLK2X
DQ
Read
Address
ACK
OE_L
WE_L
ALE_L
SADR
Address
1
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
TLSZ = 00, HLAT = 000, LRAM = 1, LDEV = 1.
PHS_L
CMD[8:2]
A
B
z
z
0
1
0
z
z
0
0
1
z
1
z
1
SSV
0
0
SSF
CE_L
1
0
1
DQ driven by CYNSE70032.
CMDV
CMD[1:0]
Figure 15-1. SRAM Read ACCESS (TLSZ = 00, HLAT = 000, LRAM = 1, LDEV = 1)


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com