Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 98 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 98 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 94Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 95Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 96Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 97Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 98Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 99Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 100Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 101Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 102Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 98 of 126
15.0
SRAM Addressing
Table 15-1 describes the commands used to generate addresses on the SRAM address bus. The index[13:0] field contains the
address of a 68-bit entry that results in a hit in 68-bit-configured partition. It is the address of the 68-bit entry that lies at the 136-bit
page, and the 272-bit page boundaries in 136-bit- and 272-bit-configured quadrants, respectively.
Section 7.0, “Registers” on page 13 of this specification, describes the NFA and SSR registers. ADR[13:0] contains the address
supplied on the DQ bus during PIO access to the CYNSE70032. Command bits 8, and 7 {CMD[8:6]} are passed from the
command to the SRAM address bus. See Section 12.0, “Commands” on page 18, for more information. ID[4:0] is the ID of the
device driving the SRAM bus (see Section 21.0, “Pinout Descriptions and Package Diagrams” on page 120, for more information).
FULO[0]
654
3
2
1
0
FULI
FULO[0]
65
4
3
2
1
0
FULI
FULO[1]
65
4
3
2
1
0
FULI
FULO[0]
65
4
3
2
1
0
FULI
FULO[0]
6
5
43
21
0
FULI
FULO[0]
65
4
32
1
0
FULI
6
5
4
32
1
0
FULI
65
4
3
210
FULO[0]
FULI
FULI
FULI
FULO[1]
FULO[1]
FULO[1]
DQ[67:0]
FULO[1] FULO[0]
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
FULL
FULL
FULL
FULL
FULL
FULL
FULL
FULL
VDDQ
CYNSE70032
CYNSE70032
CYNSE70032
CYNSE70032
CYNSE70032
CYNSE70032
CYNSE70032
CYNSE70032
FULI
FULO[0]
Figure 14-3. FULL Generation in a Cascaded Table


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com