Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 93Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 94Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 95Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 96Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 97Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 98Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 99Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 100Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 97 of 126
14.2
Depth-Cascading up to 31 Devices (Four Blocks)
Figure 14-2 shows how to cascade up to four blocks. Each block except the last contains up to eight CYNSE70032 devices. The
interconnection within each has been shown in the previous subsection with the cascading of up to eight devices in a block. Note.
The interconnection between blocks for depth-cascading is important. For each Search, a block asserts BHO[2], BHO[1], and
BHO[0]. The BHO[2:0] signals for a block are taken only from the last device in the block. For all other devices within that block,
these signals stay open and floating. The host ASIC must program the TLSZ field to 10 in each of the devices for cascading up
to 31 devices (in up to four blocks).
14.3
Depth-Cascading for a FULL Signal
Bit[0] of each of the 68-bit entries is designated as a special bit (1 = occupied; 0 = empty). For each Learn or PIO Write to the
data array, each device asserts FULO[1] and FULO[0] if it does not have any empty locations within it (see Figure 14-3). Each
device combines the FULO signals from the devices above it with its own full status to generate a FULL signal, which will then
give a full status of the table up to the device asserting the FULL signal. Figure 14-3 shows the hardware connection diagram for
generating the FULL signal that goes back to the ASIC. In a depth-cascaded block of up to eight devices, the FULL signal from
the last device should be fed back to the ASIC controller to indicate the fullness of the table. The FULL signal of the other devices
should be left open. Note. The Learn instruction is supported for up to eight devices, whereas FULL cascading is allowed for one
block in tables containing more than eight devices. In tables for which a Learn instruction will not be used, the bit[0] of each 68-bit
entry should always be set to 1.
BHO[2]
Block of 8 CYNSE70032s Block 0 (devices 0–7)
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHI[2]
Block of 7 CYNSE70032s Block 3 (devices 24-30)
BHI[1]
BHI[0]
GND
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
GND
BHI[2]
BHI[1]
BHI[0]
GND
Block of 8 CYNSE70032s Block 1 (devices 8–15)
Block of 8 CYNSE70032s Block 2 (devices 16–23)
DQ[67:0]
SRAM
BHO[2]
BHO[2]
BHO[1]
BHO[1]
BHO[0]
BHO[0]
CMD[8:0], CMDV
SSF, SSV
Figure 14-2. Depth-Cascading Four Blocks


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com