Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 88Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 89Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 90Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 91Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 92Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 93Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 94Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 95Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 92 of 126
13.11
LRAM and LDEV Description
When search engines are cascaded using multiple CYNSE70032 devices, the SADR, CE_L, and WE_L (three-state signals) are
all tied together. To eliminate external pull-up and pull downs, one device in a bank is designated as the default driver. For
non-Search or non-Learn cycles (see Subsection 13.12, “Learn Command” on page 92) or Search cycles with a global miss, the
SADR, CE_L, and WE_L signals are driven by the device with the LRAM bit set. It is important that only one device in a bank of
cascaded search engines have this bit set. Failure to do so will cause contention on SADR, CE_L, and WE_L, and can potentially
cause damage to the device(s).
Similarly, when search engines using multiple CYNSE70032 devices are cascaded, SSF and SSV (also three-state signals) are
tied together. To eliminate external pull-up and pull downs, one device in a bank is designated as the default driver. For nonSearch
cycles or Search cycles with a global miss, the SSF and SSV signals are driven by the device with the LDEV bit set. It is important
that only one device in a bank of cascaded search engines have this bit set. Failure to do so will cause contention on SSV and
SSF and can potentially cause damage to the device(s).
13.12
Learn Command
Bit[0] of each 68-bit data location specifies whether an entry in the database is occupied. If all the entries in a device are occupied,
the device asserts FULO signal to inform the downstream devices that it is full. The result of this communication between
depth-cascaded devices determines the global FULL signal for the entire table. The FULL signal in the last device determines
the fullness of the depth-cascaded table.
The device contains sixteen pairs of internal, 68-bit-wide comparand registers that store the comparands as the device executes
searches. On a miss by the Search (signalled to ASIC through the SSV and SSF signals [SSV = 1, SSF = 0]), the host ASIC can
apply the Learn command to Learn the entry from a comparand register to the next-free location (see Subsection 9.3, “NFA
Register” on page 16). The NFA updates to the next-free location following each Write or Learn command.
In a depth-cascaded table, only a single device will Learn the entry through the application of a Learn instruction. The determi-
nation of the Learn device is based on the FULI and FULO signalling between the devices. The first non-full device learns the
entry by storing the contents of the specified comparand registers to the location(s) pointed to by NFA.
In a ×68-configured table the Learn command writes a single 68-bit location. In a ×136-configured table the Learn command
writes the next even and odd 68-bit locations. In 136-bit mode, bit[0] of the even and odd 68-bit locations is 0, indicating that they
are cascaded empty, or 1, which indicates that they are occupied.
The global FULL signal indicates to the table controller (the host ASIC) that all entries within a block are occupied and that no
more entries can be learned. The CYNSE70032 device updates the signal to a data array after each Write or Learn command.
Also using the NFA register as part of the SRAM address, the Learn command generates a Write cycle to the external SRAM
(see Section 15.0, “SRAM Addressing” on page 98).
The Learn command is supported on a single block containing up to eight devices if the table is configured as either a ×68 or a
×136. The Learn command is not supported for ×272-configured tables.
Learn is a pipelined operation and lasts for two CLK cycles where TLSZ = 00, as shown in Figure 13-69, and TLSZ = 01 as shown
in Figure 13-70 and Figure 13-71. Figure 13-70 and Figure 13-71 assume that the device performing the Learn operation is not
the last device in the table and has its LRAM bit set to 0. Note. The OE_L for the device with the LRAM bit set goes high for two
cycles for each Learn (one during the SRAM Write cycle, and one during the cycle before it). The latency of the SRAM Write cycle
from the second cycle of the instruction is shown in Table 13-25.


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com