Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 87Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 88Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 89Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 90Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 91Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 92Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 93Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 94Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 91 of 126
13.10
Mixed-Size Searches on Tables Configured with Different Widths Using an CYNSE70032 Device
This subsection will cover mixed searches (×68, ×136, and ×272) with tables of different widths (×68, ×136, ×272). The sample
operation shown is for a single device with CFG = 10010000 containing three tables of ×68, ×136, and ×272 widths. The operation
can be generalized to a block of 8–31 devices using four blocks; the timing and the pipeline operation is the same as described
previously for fixed searches on a table of one-width-size.
Figure 13-67 shows three sequential searches: first, a 68-bit Search on the table configured as ×68, then a 136-bit search on a
table configured as ×136, and finally a 272-bit search on the table configured as ×272 bits. Each results in a hit. Note.The
DQ[67:66] will be 00 in each of the two A and B cycles of the ×68-bit Search (Search1). DQ[67:66] is 01 in each of the A and B
cycles of the ×136-bit Search (Search2). DQ[67:66] is 10 in each of the A, B, C, and D cycles of the ×272-bit Search (Search3).
By having table designation bits, the CYNSE70032 device enables the creation of many tables of different widths in a bank of
search engines.
Figure 13-68 shows the sample table. Two bits in each 68-bit entry need to designated as table number bits. One example choice
might be: the 00 values for the table configured as ×68, 01 values for tables configured as ×136, and 10 values for tables
configured as ×272. For the above explanation, it is further assumed that bits[67:66] for each entry will be designed as such table
designation bits.
cycle
CLK2X
CMDV
CMD[1:0]
CE_L
OE_L
CMD[8:2]
WE_L
1
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
7
cycle
8
cycle
9
cycle
10
CFG = 1010101010101010, HLAT = 010, TLSZ = 00, LRAM = 1, LDEV = 1
PHS_L
SADR[21:0]
SSF
SSV
ALE_L
Search1 Search2
A2
01
01
Search1
Search3
A B A B A B A B
0
1
0
10
0
1
1
0
1
0
AB A B A B C D
DQ
D1
D3
CMD[2]
10
1
1
0
1
A3
Search2
01
D2
1
1
0
0
0
0
1
0
1
×68 hit ×136 hit
Search3
×272 hit
A1
A3
Figure 13-67. Timing Diagram for Mixed Search (One Device)
1 K
8 K
68
2 K
136
272
CFG = 10010000
Figure 13-68. Multiwidth Configurations Example


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com