Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 5Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 6Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 7Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 8Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 9Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 10Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 11Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 12Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 9 of 126
1.0
Overview
Cypress Semiconductor Corporation’s (Cypress’s) CYNSE70032 network search engine (NSE) incorporates patent-pending
Associative Processing Technology™ (APT) and is designed to be a high-performance, pipelined, synchronous, 16K-entry NSE.
The CYNSE70032 database entry size can be 68, 136, or 272 bits. In the 68-bit entry mode, the size of the database is 16K
entries. In the 136-bit mode, the size of the database is 8K entries, and in the 272-bit mode, the size of the database is 4K entries.
The CYNSE70032 is configurable to support multiple databases with different entry sizes. The 36-bit entry table can be imple-
mented using the global mask registers (GMRs) building-database size of 32K entries with a single device.
The search engine can sustain 83 million transactions per second when the database is programmed or configured as 68 or 136
bits. When the database is programmed to have an entry size of 34 or 272 bits, the search engine will perform at 41.5 million
transactions per second. The CYNSE70032 can be used to accelerate network protocols such as longest-prefix match (CIDR),
address-resolution protocol (ARP), multiprotocol label switching (MPLS), and other layer 2, 3, and 4 protocols.
This high-speed, high-capacity NSE can be deployed in a variety of networking and communications applications. The perfor-
mance and features of the CYNSE70032 device make it attractive in applications such as Enterprise local-area network (LAN)
switches and routers and broadband switching and/or routing equipment supporting multiple data rates at OC-48 and beyond.
The NSE is designed to be scalable in order to support network database sizes of up to 992K entries specifically for environments
that require large network policy databases. The block diagram for the CYNSE70032 device is shown on page 10.
2.0
CYNSE70032 Features
• 32K 34-bit entries in a single device
• 16K entries in 68-bit mode, 8K entries in 136-bit mode, 4K entries in 272-bit mode
• 83 million transactions per second in 68- and 136-bit configurations
• 41.5 million transactions in 34- and 272-bit configurations
• Searches any subfield in a single cycle
• Synchronous pipelined operation
• Up to 31 NSEs can be cascaded
• When cascaded, the database entries can range to 992K 36-bit entries
• Multiple width tables in a single database bank
• Glueless interface to industry standard SRAMs and/or SSRAMs
• Simple hardware instruction interface
• IEEE 1149.1 test access port
• 1.8V core voltage supply
• 2.5/3.3V I/O voltage supply
• 272-pin BGA package.


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com