Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 73Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 74Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 75Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 76Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 77Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 78Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 79Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 80Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 77 of 126
Note
. All 31 devices must be programmed with the same value of TLSZ and HLAT. Only the last device in the table must be
programmed with LRAM = 1 and LDEV = 1 (device number 30 in this case). All other upstream devices must be programmed
with LRAM = 0 and LDEV = 0 (devices 0 through 29 in this case).
The timing diagrams referred to in this paragraph reference the HIT/MISS assumptions defined in Table 13-22. For the purpose
of illustrating the timings, it is further assumed that there is only one device with the matching entry in each block. Figure 13-55
shows the timing diagram for a Search command in the 272-bit-configured table consisting of 31 devices for each of the eight
devices in block number 0. Figure 13-56 shows the timing diagram for a Search command in the 272-bit-configured table of 31
devices for all devices above the winning device in block number 1. Figure 13-57 shows the timing diagram for the globally winning
device (the final winner within its own and all blocks) in block number 1. Figure 13-58 shows the timing diagram for all the devices
below the globally winning device in block number 1. Figure 13-59, Figure 13-60, and Figure 13-61, respectively, show the timing
diagrams of the devices above the globally winning device, the globally winning device, and the devices below the globally winning
device for block number 2. Figure 13-62, Figure 13-63, Figure 13-64, and Figure 13-65, respectively, show the timing diagrams
of the device above the globally winning device, the globally winning device, the devices below the globally winning device (except
device 30), and last device (device 30) for block number 3.
The 272-bit Search operation is pipelined and executes as follows. Four cycles from the last cycle of the Search command each
of the devices knows the outcome internal to it for that operation. In the fifth cycle from the Search command, the devices in a
block (less than or equal to eight devices resolving the winner within them using an LHI[6:0] and LHO[1:0] signalling mechanism)
arbitrate for a winner. In the sixth cycle after the Search command, the blocks of devices resolve the winning block through a
BHI[2:0] and BHO[2:0] signalling mechanism. The winning device within the winning block is the global winning device for the
Search operation.
Table 13-22. Hit/Miss Assumptions
Search Number
1
2
3
Block 0
Miss
Miss
Miss
Block 1
Miss
Miss
Hit
Block 2
Miss
Hit
Hit
Block 3
Hit
Hit
Miss
BHO[2]
Block of 8 CYNSE70032s block 0 (devices 0–7)
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHI[2]
Block of 7 CYNSE70032s block 3 (devices 24–30)
BHI[1]
BHI[0]
GND
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
GND
BHI[2]
BHI[1]
BHI[0]
GND
Block of 8 CYNSE70032s block 1 (devices 8–15)
Block of 8 CYNSE70032s block 2 (devices 16–23)
DQ[67:0]
SRAM
BHO[2]
BHO[2]
BHO[1]
BHO[1]
BHO[0]
BHO[0]
CMD[8:0], CMDV
SSF, SSV
Figure 13-53. Hardware Diagram for a Table with 31 Devices


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com