Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 72Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 73Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 74Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 75Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 76Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 77Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 78Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 79Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 76 of 126
The logical 272-bit Search operation is shown in Figure 13-52. The entire table of 272-bit entries is compared to a 272-bit word
K that is presented on the DQ bus in cycles A, B, C, and D of the command using the GMR and the local mask bits. The GMR is
the 272-bit word specified by the two pairs of GMRs selected by the GMR Indexes in the command’s cycles A and C in each of
the eight devices. The 272-bit word K that is presented on the DQ bus in cycles A, B, C, and D of the command is compared to
each entry in the table starting at location 0. The first matching entry’s location address L is the winning address that is driven as
part of the SRAM address on the SADR[21:0] lines (see “SRAM Addressing” on page 98). Note. The matching address is always
going to be a location 0 in a four-entry page for 272-bit Search (two LSBs of the matching index will be 00).
The Search command is a pipelined operation and executes a Search at one-fourth the rate of the frequency of CLK2X for 272-bit
searches in ×272-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 272-bit Search
command (measured in CLK cycles) from the CLK2X cycle that contains the C and D cycles is shown in Table 13-20.
Search latency from command to SRAM access cycle is 5 for only a single device in the table and TLSZ = 01. In addition, SSV
and SSF shift further to the right for different values of HLAT, as specified in Table 13-21.
13.9
272-bit Search on Tables Configured as ×272 using up to 31 CYNSE70032 Devices
The hardware diagram of the search subsystem of 31 devices is shown in Figure 13-53. Each of the four blocks in the diagram
represents a block of eight CYNSE70032 devices, except the last which has seven devices. The diagram for a block of eight
devices is shown in Figure 13-54. The following are the parameters programmed into the 31 devices.
• First thirty devices (devices 0–29): CFG = 10101010, TLSZ = 10, HLAT = 000, LRAM = 0, and LDEV = 0.
• Thirty-first device (device 30): CFG = 10101010, TLSZ = 10, HLAT = 000, LRAM = 1, and LDEV = 1.
Table 13-20. Search Latency from Instruction to SRAM Access Cycle
Number of Devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
4K × 272 bits
4
1–8 (TLSZ = 01)
32K × 272 bits
5
1–31 (TLSZ = 10)
124K × 272 bits
6
Table 13-21. Shift of SSF and SSV from SADR
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
CFG = 10101010
271
0
Location
0
4
8
12
131068
(272-bit configuration)
address
K
GMR
271
0
L
A
B
01
C
D
23
(First matching entry)
Must be same in each of the eight
devices
Figure 13-52. x272 Table with Eight Devices


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com