Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 66Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 67Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 68Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 69Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 70Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 71Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 72Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 73Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 70 of 126
• Cycle B: The host ASIC continues to drive CMDV high and continues to apply Search command code (10) on CMD[1:0]. The
DQ[67:0] is driven with the 68-bit data ([203:136]) to be compared to all locations 1 in the four 68-bits-word page.
• Cycle C: The host ASIC drives CMDV high and applies Search command code (10) on CMD[1:0] signals. CMD[5:3] signals
must be driven with the index to the GMR pair used for bits [135:0] of the data being searched. CMD[8:6] signals must be
driven with the bits that will be driven on SADR[21:19] by this device if it has a hit. DQ[67:0] must be driven with the 68-bit data
([135:68]) to be compared to all locations 2 in the four 68-bits-word page. The CMD[2] signal must be driven to logic 0.
• Cycle D: The host ASIC continues to drive the CMDV high and applies Search command code (10) on CMD[1:0]. CMD[8:6]
signals must be driven with the index of the SSR that will be used for storing the address of the matching entry and hit flag
(see page 14 for the description of SSR[0:7]). The DQ[67:0] is driven with the 68-bit data ([67:0]) to be compared to all locations
3 in the four 68-bits-word page. CMD[5:2] is ignored because the Learn instruction is not supported for x272 tables.
Note. For 272-bit searches, the host ASIC must supply four distinct 68-bit data words on DQ[67:0] during cycles A, B, C, and D.
The GMR index in cycle A selects a pair of GMRs that apply to DQ data in cycles A and B. The GMR index in cycle C selects a
pair of GMRs that apply to DQ data in cycles C and D.
The logical 272-bit Search operation is shown in Figure 13-47. The entire table of 272-bit entries is compared to a 272-bit word
K that is presented on the DQ bus in cycles A, B, C, and D of the command using the GMR and local mask bits. The GMR is the
272-bit word specified by the two pairs of GMRs selected by the GMR Indexes in the command’s cycles A and C. The 272-bit
word K that is presented on the DQ bus in cycles A, B, C, and D of the command is compared with each entry in the table starting
at location 0. The first matching entry’s location address L is the winning address that is driven as part of the SRAM address on
SADR[21:0] lines (see “SRAM Addressing” on page 98). Note. The matching address is always going to be location 0 in a
four-entry page for a 272-bit Search (two LSBs of the matching index will be 00).
The Search command is a pipelined operation and executes at one-fourth the rate of the frequency of CLK2X for 272-bit searches
in ×272-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 272-bit Search command
(measured in CLK cycles) from the CLK2X cycle that contains the C and D cycles is shown in Table 13-17.
Search latency from command to SRAM access cycle is 4 for a single device in the table and TLSZ = 00. In addition, SSV and
SSF shift further to the right for different values of HLAT, as specified in Table 13-18.
Table 13-17. Search Latency from Instruction to SRAM Access Cycle
Number of Devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
4K × 272 bits
4
1–8 (TLSZ = 01)
32K × 272 bits
5
1–31 (TLSZ = 10)
124K × 272 bits
6
Table 13-18. Shift of SSF and SSV from SADR
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
CFG = 10101010
271
0
Location
0
4
8
12
16380
(272-bit configuration)
address
K
GMR
271
0
(First matching entry)
L
AB
01
CD
23
Figure 13-47. x272 Table with One Device


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com