Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 49Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 50Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 51Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 52Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 53Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 54Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 55Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 56Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 53 of 126
The 136-bit word K (presented on the DQ bus in cycles A and B of the command) is also stored in the even and odd comparand
registers specified by the Comparand Register Index in the command’s cycle B. In ×136 configurations, the even and odd
comparand register can subsequently be used by the Learn command in only one of the devices (the first non-full device). The
word K (presented on the DQ bus in cycles A and B of the command) is compared to each entry in the table, starting at location 0.
The first matching entry’s location address L is the winning address that is driven as part of the SRAM address on the SADR[21:0]
lines (see “SRAM Addressing” on page 98). The global winning device will drive the bus in a specific cycle. On global miss cycles,
the device with LRAM = 1 (the default driving device for the SRAM bus) and LDEV = 1 (the default driving device for SSF and
SSV signals) will be the default driver for such missed cycles. Note. During 136-bit searches of 136-bit-configured tables, the
Search hit will always be at an even address.
The Search command is a pipelined operation and executes a Search at half the rate of the CLK2X frequency for 136-bit searches
in ×136-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 136-bit Search command cycle
(two CLK2X cycles) is shown in Table 13-12.
For one to eight devices in the table and TLSZ = 01, Search latency from command to SRAM access cycle is 5. In addition, SSV
and SSF shift further to the right for different values of HLAT, as specified in Table 13-13.
Table 13-12. Search Latency from Instruction to SRAM Access Cycle
Number of Devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
8K × 136 bits
4
1–8 (TLSZ = 01)
64K × 136 bits
5
1–31 (TLSZ = 10)
248K × 136 bits
6
Table 13-13. Shift of SSF and SSV from SADR
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
CFG = 01010101
135
0
Location
0
2
4
6
131070
(136-bit configuration)
address
K
GMR
Comparand Register (odd)
Comparand Register (even)
A
B
135
0
67
0
(First matching entry)
L
A
B
Even
Odd
Will be same in each of the eight
devices
Must be same in each of the eight
devices
Figure 13-30. ×136 Table with Eight Devices


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com