Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE70032 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # CYNSE70032
Description  Network Search Engine
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70032 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button CYNSE70032 Datasheet HTML 43Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 44Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 45Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 46Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 47Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 48Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 49Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 50Page - Cypress Semiconductor CYNSE70032 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 126 page
background image
CYNSE70032
Document #: 38-02042 Rev. *E
Page 47 of 126
Note
. For 136-bit searches, the host ASIC must supply two distinct 68-bit data words on DQ[67:0] during cycles A and B. The
even-numbered GMR of the pair specified by the GMR Index is used for masking the word in cycle A. The odd-numbered GMR
of the pair specified by the GMR Index is used for masking the word in cycle B.
The logical 136-bit search operation is shown in Figure 13-25. The entire table of 136-bit entries is compared to a 136-bit word K
(presented on the DQ bus in cycles A and B of the command) using the GMR and local mask bits. The GMR is the 136-bit word
specified by the even and odd global mask pair selected by the GMR Index in the command’s cycle A. The 136-bit word K
(presented on the DQ bus in cycles A and B of the command) is also stored in both even and odd comparand register pairs
selected by the Comparand Register Index in the command’s cycle B. The two comparand registers can subsequently be used
by the Learn command with the even comparand register stored in an even location, and the odd comparand register stored in
an adjacent odd location. The word K (presented on the DQ bus in cycles A and B of the command) is compared with each entry
in the table starting at location 0. The first matching entry’s location address L is the winning address that is driven as part of the
SRAM address on SADR[21:0] lines (see “SRAM Addressing” on page 98). Note. The matching address is always going to be
an even address for a 136-bit Search.
The Search command is a pipelined operation that executes searches at half the rate of the frequency of CLK2X for 136-bit
searches in ×136-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 136-bit Search
command cycle (two CLK2X cycles) is shown in Table 13-9.
For a single device in the table with TLSZ = 00, the Search latency from command to SRAM access cycle is 4. In addition, SSV
and SSF shift further to the right for different values of HLAT, as specified in Table 13-10.
Table 13-9. Search Latency from Instruction to SRAM Access Cycle
Number of Devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
8K × 136 bits
4
1–8 (TLSZ = 01)
64K × 136 bits
5
1–31 (TLSZ = 10)
248K × 136 bits
6
Table 13-10. Shift of SSF and SSV from SADR
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
CFG = 01010101
135
0
Location
0
2
4
6
16382
(136-bit configuration)
address
K
GMR
Comparand Register (odd)
Comparand Register (even)
A
B
135
0
67
0
(First matching entry)
L
A
B
Even
Odd
Figure 13-25. ×136 Table with One Device


Similar Part No. - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-50BGC CYPRESS-CYNSE70064A-50BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-66BGC CYPRESS-CYNSE70064A-66BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
CYNSE70064A-83BGC CYPRESS-CYNSE70064A-83BGC Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE70032

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com