Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-6717 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6717
Description  Intelligent I/O Gateway with Analog Input
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6717 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6717 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact Intelligent Gateway: ADAM-6700 series
ADAM-6717
ADAM-6750
ADAM-6760D
Intelligent I/O Gateway with Analog Input
Intelligent I/O Gateway with Digital I/O
Intelligent I/O Gateway with Solid-State
Relay Output (for DC)
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Sampling Rate
10 or 100 samples/ second
(total)
ƒ
Resolution
16 bits
ƒ
Input Range
0 ~ 150mV, 0 ~ 500mV,
0 ~ 1V, 0 ~ 5V, 0 ~ 10V,
±150 mV, ±500 mV, ±1V,
±5 V, ±10 V, ±20 mA,
0 ~ 20 mA, 4 ~ 20mA
Digital Output
ƒ
Channels
4
ƒ
Output type
Sink 30 VDC, 0.1A max. per
channel
Digital Input
ƒ
Channels
5
ƒ
Dry contact
logic 0: Open
logic 1: Close to ground
ƒ
Wet contact
logic 0: 0 ~ 3 VDC
logic 1: 10 ~ 30 VDC
Specifications
Digital Input
ƒ
Channels
8
support 3KHz counter input
ƒ
Dry contact
logic 0: Open
logic 1: Close to ground
ƒ
Wet contact
logic 0: 0 ~ 3 VDC
logic 1: 10 ~ 30 VDC
Relay Output (PhotoMOS SPST)
ƒ
Channels
8 (Form A)
ƒ
Contact rating
30 VDC
(Resistive and
1 A @25°C
Inductive load)
0.7A @70°C
ƒ
Relay-on time
1.3 ms
ƒ
Relay-off time
0.8 ms
ƒ
Insulation
1500Vrms
(Relay output
to power)
ƒ
Peak Load Current
4A (100ms (1 pulse))
ƒ
Total Power
400mW / channel
Dissipation
ƒ
On-state resistance 0.5Ω
Specifications
Digital Input
ƒ
Channels
12
support 3KHz counter input
ƒ
Dry contact
logic 0: Open
logic 1: Close to ground
ƒ
Wet contact
logic 0: 0 ~ 3 VDC
logic 1: 10 ~ 30 VDC
Digital Output
ƒ
Channels
12 (support 3KHz pulse
output)
ƒ
Output type
Sink 30 VDC, 0.1A max. per
channel
ADAM-6750
ADAM-6717
ADAM-6760D
Ordering information
ƒ
ADAM-6717-A
Intelligent I/O Gateway
with Analog Input
ƒ
ADAM-6750-A
Intelligent I/O Gateway
with Digital I/O
ƒ
ADAM-6760D-A
Intelligent I/O Gateway
with Solid-State Relay
Output (for DC)
Common Specifications
General
ƒ
MCU
Cortex-A8 32-Bit 1GHz
ƒ
Memory
DDR3L 512MB
ƒ
Storage
NAND flash 512MB for
system storage
microSD Slot (Optional)
ƒ
OS
RT Linux V3.12
ƒ
Programming
Node-RED Linux C
ƒ
Power input
10 ~ 30 VDC
ƒ
Operation temperature-40 ~ 70°C
ƒ
Storage temperature -40 ~ 85°C
ƒ
Isolation
2500 VDC
Communication
ƒ
LAN port
2 x RJ-45 10/100 Mbps
(2MAC ID)
ƒ
Serial port
2 x RS-485
ƒ
USB port
1 x USB Type-A 2.0,
1 x USB Micro-B 2.0
All product specifications are subject to change without notice.
Last updated: 26-Nov-2020


Similar Part No. - ADAM-6717

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ADAM-6717

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
logo
Red Lion Controls. Inc
ET-GT-ST-3 REDLION-ET-GT-ST-3 Datasheet
876Kb / 2P
Ethernet I/O Gateway
logo
Cynergy3 Co
SC-E-100 CYNERGY3-SC-E-100 Datasheet
77Kb / 1P
Analogue I/O to Comms Gateway
logo
M-System Co.,Ltd.
R7G MSYSTEM-R7G Datasheet
298Kb / 6P
Remote I/O R7 Series GATEWAY MODULE
WL40EW2KR MSYSTEM-WL40EW2KR Datasheet
573Kb / 6P
Wireless I/O WL40KR Series WIRELESS GATEWAY
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
logo
Kemet Corporation
ESRP-PCS-ADAM6717 KEMET-ESRP-PCS-ADAM6717 Datasheet
185Kb / 1P
Compact Intelligent Gateway
28-Jul-2021
logo
Advantech Co., Ltd.
WISE-750 ADVANTECH-WISE-750 Datasheet
363Kb / 1P
Intelligent Vibration Gateway
10-Aug-2021
ESRP-PCS-ADAM6717 ADVANTECH-ESRP-PCS-ADAM6717 Datasheet
186Kb / 1P
Intelligent I/O Gateway w/ Analog Input, EdgeLink
28-Jul-2021
WISE-2834 ADVANTECH-WISE-2834 Datasheet
188Kb / 1P
Intelligent RFID Gateway
16-Apr-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com