Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT5401LT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT5401LT1G
Description  High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5401LT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT5401LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT5401LT1–4/5
LMBT5401LT1
I C, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
I C , COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
Figure 6. Switching Time Test Circuit
V R , REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitances
I C, COLLECTOR CURRENT (mA)
Figure 8. Turn–On Time
I C, COLLECTOR CURRENT (mA)
Figure 9. Turn–Off Time
T J =25°C
V CE(sat) @ I C /I B =10
T J =25°C
C ibo
V BE(sat) @ I C /I B =10
V BB
10
µs
INPUT PULSE
V in
+8.8 V
R B
5.1 k
0.25
µF
V in
100
1N914
V out
R C
V CC
–30 V
3.0 k
t r , t f < 10 ns
DUTY CYCLE = 1.0%
Values Shown are for I C @ 10 mA
T J = –55°C to 135°C
θ
VC for V CE(sat)
θ
VB for V BE(sat)
C obo
I C /I B= 10
T J= 25°C
t d @ V BE(off)= 1.0V
V CC= 120V
t r @V CC= 30V
t r @V CC= 120V
t f @VCC= 120V
t f @ V CC= 30V
t s @V CC= 120V
I C /I B =10
T J= 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2 0.3 0.5
1.0
2.0 3.0 5.0
10
20 30
50
100
2.5
2.0
1.5
1.0
0.5
0
- 0.5
- 1.0
- 1.5
- 2.0
- 2.5
0.1
0.2 0.3 0.5
1.0
2.0 3.0 5.0
10
20 30
50
100
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
1000
700
500
300
200
100
70
50
30
20
10
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200
10.2V
100


Similar Part No. - LMBT5401LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5401LT1G LRC-LMBT5401LT1G Datasheet
107Kb / 5P
   High Voltage Transistor RoHS requirements.
logo
Shanghai Leiditech Elec...
LMBT5401LT1G LEIDITECH-LMBT5401LT1G Datasheet
445Kb / 5P
   We declare that the material of product compliance with RoHS requirements
logo
Leshan Radio Company
LMBT5401LT1G LRC-LMBT5401LT1G_11 Datasheet
107Kb / 5P
   High Voltage Transistor RoHS requirements.
LMBT5401LT1G LRC-LMBT5401LT1G_15 Datasheet
127Kb / 5P
   High Voltage Transistor
More results

Similar Description - LMBT5401LT1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com