Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2660130000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2660130000
Description  U-CREATE-STUDIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2660130000 Datasheet(HTML) 2 Page - Weidmuller

  2660130000 Datasheet HTML 1Page - Weidmuller 2660130000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data sheet
 
U-CREATE-STUDIO
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:37:03 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Net weight
5 g
   
 
System data
 
Configurable target systems
u-control studio hardware   Operating system
Windows 10
 
Programming environment
 
Access to external peripherals or cloud
systems
Node-RED via web server
  Additional programming languages
Continuous Function Chart
(CFC)
Independent variable pool integrated
Yes
  Programming languages according to
IEC-61131
Function Block Diagram
(FBD), Ladder Diagram
(LD), Structured Text (ST),
Sequential Function Chart
(SFC)
Supported communication protocols
Raw-CAN, CANopen,
Modbus RTU, Modbus
TCP, EtherCAT Master,
OPC-UA Client, OPC-UA
Server
  Supported high-level languages
C, C++
Supported programming Interfaces
Ethernet, USB
  Test function integrated
Breakpoint, Data logger,
Force, Oscilloscope,
Stepwise
 
System requirements
 
Minimal memory (RAM) needed
8 GB
  Minimal memory (device) needed
5 GB
Operating system
Windows 10
  Resolution
1920 x 1080
 
Classifications
 
ETIM 6.0
EC000809
  ETIM 7.0
EC000809
ETIM 8.0
EC000809
  ECLASS 9.0
27-24-25-01
ECLASS 9.1
27-24-25-01
  ECLASS 10.0
27-24-25-01
ECLASS 11.0
27-24-25-01
   
 
Downloads
 
User Documentation
u-control Handbuch (Deutsch)
u-control Manual (English)
MAN_U-CREATE_STUDIO_DE
MAN_U-CREATE_STUDIO_EN
UC20-SL2000-OLAC-EC Release Notes
Weidmüller software license agreement V1.0
QGUI u-create studio_EN
Project setup guide: u-create studio
20201012 Security Advisory u-create studio
Quick reference / Instruction inlay
UC20-SL2000-OLAC-EC-CAN Release Notes
Catalogues
Catalogues in PDF-format
 


Similar Part No. - 2660130000

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2660 KR-2660 Datasheet
78Kb / 2P
   Bandpass Filter
logo
List of Unclassifed Man...
2660 ETC2-2660 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Heyco.
2660 HEYCO-2660 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Littelfuse
2660000100 LITTELFUSE-2660000100 Datasheet
121Kb / 1P
   Holder/No. 266 / Holder/No. 268
logo
Weidmuller
2660200277 WEIDMULLER-2660200277 Datasheet
149Kb / 3P
   PRO PM 35W 5V 7A
More results

Similar Description - 2660130000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2722630000 WEIDMULLER-2722630000 Datasheet
58Kb / 2P
   U-CREATE-STUDIO-ANNUAL
November 4, 2021
2722700000 WEIDMULLER-2722700000 Datasheet
56Kb / 2P
   U-CREATE-STUDIO-SIMULATION
November 4, 2021
2697570000 WEIDMULLER-2697570000 Datasheet
58Kb / 2P
   U-CREATE-STUDIO-RT-OPCUA
November 4, 2021
2705650000 WEIDMULLER-2705650000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-500
November 4, 2021
2705740000 WEIDMULLER-2705740000 Datasheet
136Kb / 2P
   U-CREATE-PROCON-WEB-RT-500
November 4, 2021
2705760000 WEIDMULLER-2705760000 Datasheet
136Kb / 2P
   U-CREATE-PROCON-WEB-RT-2000
November 4, 2021
2705670000 WEIDMULLER-2705670000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-2000
November 4, 2021
2705660000 WEIDMULLER-2705660000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-500
November 4, 2021
2705680000 WEIDMULLER-2705680000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-5000
November 4, 2021
2705770000 WEIDMULLER-2705770000 Datasheet
136Kb / 2P
   U-CREATE-PROCON-WEB-RT-5000
November 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com