| Electronic Components Datasheet Search |
|
ADP1052ACPZ-R7 Datasheet(PDF) 107 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1052ACPZ-R7 Datasheet(HTML) 107 Page - Analog Devices |
|
107 / 113 page ![]() Data Sheet ADP1052 Rev. B | Page 107 of 113 Table 192. Register 0xFE6C—Modulation Flag for OVP Selection Bits Bit Name/Function R/W Description [7:3] Reserved R/W Reserved. 2 LARGE_MODULATION R This bit is set when the modulation value is above the threshold set in Register 0xFE6B. 1 VIN feedforward prebias startup R/W This bit is applicable only if the closed-loop feedforward operation is disabled (Register 0xFE3D[2] = 0). If the closed-loop feedforward operation is enabled, VIN is always included for the calculation of the initial PWM modulation value. 1 = the initial PWM modulation value is calculated by the nominal modulation value (Register 0xFE39), the sensed VIN voltage, and the sensed VOUT voltage. 0 = the initial PWM modulation value is calculated by the nominal modulation value (Register 0xFE39) and the sensed VOUT voltage. The VIN voltage is ignored. 0 Conditional OVP enable R/W This bit sets the OVP actions when the VOUT_OV_FAULT flag is triggered. 0 = conditional OVP is disabled. The OVP action follows the PMBus VOUT_OV_FAULT_RESPONSE command (Register 0x41). 1 = conditional OVP is enabled. If Bit 2 = 1, OVP action follows the PMBus VOUT_OV_FAULT_RESPONSE (Register 0x41). If Bit 2 = 0, OVP action follows the extended VOUT_OV_FAULT_RESPONSE action (Register 0xFE01[7:4]). Table 193. Register 0xFE6D—OUTA and OUTB Adjustment Reference During Synchronization Bits Bit Name/Function R/W Description 7 tR2 adjustment reference R/W Setting this bit enables edge adjustment on the OUTB rising edge, tR2. 6 tR2 refers to tS or tS/2 R/W 0 = adjustment refers to tS/2. 1 = adjustment refers to tS. 5 tF2 adjustment reference R/W Setting this bit enables edge adjustment on the OUTB falling edge, tF2. 4 tF2 refers to tS or tS/2 R/W 0 = adjustment refers to tS/2. 1 = adjustment refers to tS. 3 tR1 adjustment reference R/W Setting this bit enables edge adjustment on the OUTA rising edge, tR1. 2 tR1 refers to tS or tS/2 R/W 0 = adjustment refers to tS/2. 1 = adjustment refers to tS. 1 tF1 adjustment reference R/W Setting this bit enables edge adjustment on the OUTA falling edge, tF1. 0 tF1 refers to tS or tS/2 R/W 0 = adjustment refers to tS/2. 1 = adjustment refers to tS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |