Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2421030000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2421030000
Description  Primary current: 150 A, Secondary current max.: 5 A, Load: 2.5 VA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2421030000 Datasheet(HTML) 1 Page - Weidmuller

  2421030000 Datasheet HTML 1Page - Weidmuller 2421030000 Datasheet HTML 2Page - Weidmuller 2421030000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data sheet
 
 
Creation date November 4, 2021 1:40:57 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
1
CMA-31-150-5A-2,5VA-0,5
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
The pluggable current transformers are particularly
suitable for installation on the busbar.
Advantages:
• Screwless connection system with tension-clamp
terminal.
• Time-saving connection option for solid and flexible
conductors.
• Shock-proof and resistant to vibration, high mechanical
retention forces.
• High current resistance
General ordering data
 
Version
Primary current: 150 A, Secondary current max.:
5 A, Load: 2.5 VA, Tolerance class: 0,5, closed
current transformer
Order No.
2421030000
Type
CMA-31-150-5A-2,5VA-0,5
GTIN (EAN)
4050118428971
Qty.
1 pc(s).
 


Similar Part No. - 2421030000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
242103 AMPHENOL-242103 Datasheet
34Kb / 1P
   SMA FEMALE TO BNC MALE ADAPTER
More results

Similar Description - 2421030000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2680200000 WEIDMULLER-2680200000 Datasheet
542Kb / 3P
   Primary current: 125 A, Secondary current max.: 5 A, Load: 2.5 VA
November 4, 2021
2680230000 WEIDMULLER-2680230000 Datasheet
535Kb / 3P
   Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680170000 WEIDMULLER-2680170000 Datasheet
536Kb / 3P
   Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680160000 WEIDMULLER-2680160000 Datasheet
528Kb / 3P
   Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680210000 WEIDMULLER-2680210000 Datasheet
544Kb / 3P
   Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680150000 WEIDMULLER-2680150000 Datasheet
544Kb / 3P
   Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680220000 WEIDMULLER-2680220000 Datasheet
531Kb / 3P
   Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680250000 WEIDMULLER-2680250000 Datasheet
452Kb / 3P
   Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680190000 WEIDMULLER-2680190000 Datasheet
454Kb / 3P
   Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680180000 WEIDMULLER-2680180000 Datasheet
530Kb / 3P
   Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com