Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V12222B Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM54V12222B
Description  262,214-Word12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222B Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM54V12222B Datasheet HTML 6Page - OKI electronic componets MSM54V12222B Datasheet HTML 7Page - OKI electronic componets MSM54V12222B Datasheet HTML 8Page - OKI electronic componets MSM54V12222B Datasheet HTML 9Page - OKI electronic componets MSM54V12222B Datasheet HTML 10Page - OKI electronic componets MSM54V12222B Datasheet HTML 11Page - OKI electronic componets MSM54V12222B Datasheet HTML 12Page - OKI electronic componets MSM54V12222B Datasheet HTML 13Page - OKI electronic componets MSM54V12222B Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FEDS54V12222B-01
OKI Semiconductor
MSM54V12222B
10/17
Notes: 1. Input signal reference levels for the parameter measurement are V
IH
= 3.0 V and V
IL
= 0 V. The
transition time t
T
is defined to be a transition time that signal transfers between V
IH
= 3.0 V and
V
IL
= 0 V.
2. AC measurements assume t
T
= 3 ns.
3. Read address must have more than a 150 address delay than write address in every cycle
when asynchronous read/write is performed.
4. Read must have more than a 150 address delay than write in order to read the data written in
a current series of write cycles which has been started at last write reset cycle: this is called
“new data read”.
When read has less than a 20 address delay than write, the read data are the data written in a
previous series of write cycles which had been written before at last write reset cycle: this is
called “old data read”.
5. When the read address delay is between more than 21 and less than 149, read data will be
undetermined. However, normal write is achieved in this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30 pF.
Output reference levels are V
OH
= 2.0 V and V
OL
= 0.8 V.


Similar Part No. - MSM54V12222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
   262,214 Words x 12 Bits FIELD MEMORY
More results

Similar Description - MSM54V12222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com