Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V12222B Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM54V12222B
Description  262,214-Word12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222B Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM54V12222B Datasheet HTML 4Page - OKI electronic componets MSM54V12222B Datasheet HTML 5Page - OKI electronic componets MSM54V12222B Datasheet HTML 6Page - OKI electronic componets MSM54V12222B Datasheet HTML 7Page - OKI electronic componets MSM54V12222B Datasheet HTML 8Page - OKI electronic componets MSM54V12222B Datasheet HTML 9Page - OKI electronic componets MSM54V12222B Datasheet HTML 10Page - OKI electronic componets MSM54V12222B Datasheet HTML 11Page - OKI electronic componets MSM54V12222B Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FEDS54V12222B-01
OKI Semiconductor
MSM54V12222B
8/17
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Conditon
Rating
Unit
Input Output Voltage
VT
at Ta = 25
°C, V
SS
–0.5 to +5.5
V
Output Current
IOS
Ta = 25
°C
50
mA
Power Dissipation
PD
Ta = 25
°C
1
W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ
Max.
Unit
Power Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.4
VCC
5.5
V
Input Low Voltage
VIL
–0.3
0
+0.8
V
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
Input Leakage Current
ILI
0 < VI < VCC + 0.3 V, Other Pins Tested at V = 0 V
–10
+10
µA
Output Leakage Current
ILO
0 < VO < VCC
–10
+10
µA
Output “H” Level Voltage
VOH
IOH = –1 mA
2.4
V
Output “L” Level Voltage
VOL
IOL = 2 mA
0.4
V
Operating Current
ICC1
Minimum Cycle Time, Output Open
60
mA
Standby Current
ICC2
Input Pin = VIH/VIL
3
mA
Capacitance
(Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Max.
Unit
Input Capacitance (DIN, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
CI
6
pF
Output Capacitance (DOUT)
CO
7
pF


Similar Part No. - MSM54V12222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
   262,214 Words x 12 Bits FIELD MEMORY
More results

Similar Description - MSM54V12222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com