Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN145406 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN145406
Description  EIA-232-E / V.28 DRIVERS/RECEIVERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN145406 Datasheet(HTML) 1 Page - Integral Corp.

  IN145406 Datasheet HTML 1Page - Integral Corp. IN145406 Datasheet HTML 2Page - Integral Corp. IN145406 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IN145406
1
EIA-232-E / V.28
DRIVERS/RECEIVERS
Serial busses find their applications in longer data transmission systems compared
to parallel bus structures. The most widely used, and known, serial data transmission
standard is the RS-232 which was introduced by the Electronic Industries Association
(EIA) in 1962 for the purpose of standardizing the interface between Data Terminal
Equipment (DTE) and Data Communication Equipment (DCE).
Although originally developed for modem to terminal equipment interface is widely
used as an interface for nearly all PC peripherals (mouse, plotter, scanner, printer). Using
a common standard allows widespread compatibility plus a reliable method for
interconnecting a PC to peripheral functions.
The revised standard of 1969, EIA RS-232-C has now been superceeded by EIA-
232-D (1986) which brings it in-line with CCITT V24, V28 and ISO IS2110. The latest
revision reflects the addition of mechanical specifications for the interface connector,
loopback and test modes as the major changes. RS-232 provides a low cost
communication solution and new products are being developed with a rate faster than
over.
The RS232 standard specifies a nominal upper limit for the data signalling rate of 20
000 bits per second (20kbaud). Some applications use however data rates well beyond the
maximum 20kbaud but faster transmission standards like RS423, RS422 and RS485 must
be recommended. The cable length is in RS232C specified to maximum 15 meters but is
not mentioned in EIA-232-D, as the maximum length is normally limited by the load
capacitance from the cable (typ. 150pF/m). EIA-232-D specify a maximum generator or
driver load capacitance of 2500pF. The combination of the driver’s output current
capability, the load capacitance (cable length) and the standard’s switching requirements
should be considered in every design, especially if CCITT V28 should be met, but are
often ignored.
A driver converting a TTL/CMOS signal to RS232 levels is usually supplied from +/-
12V. A receiver converting RS232 levels to TTL/CMOS levels requires only a single +5V
supply. The receiver input impedance, specified to be in the range from 3k to 7k(ohm),
combined with the signal levels dissipate considerable power - even if no transmission
takes place.
A minimum time for the signal to stay in the transition region is specified depending
on the data rate in order to reduce susceptibility to noise during transition and maintain a
well defined signal for asynchronous applications. Also, a maximum dv/dt of 30V/
µs
minimizes cable crosstalk, high frequency switching emmission and interference with other
signals.
The increasing use of laptop PCs and portable equipment with RS232 interface,
demands low power devices. Also the increasing integration of modems, PCs and their
peripherals requires elimination of passive components and single chip RS232 solutions.
IL145403 are silicon gate CMOS ICs that combine both the transmitter and receiver
to fulfill the electrical specifications of EIA Standard 232-E and CCITT V.28. The drivers
feature true TTL input compatibility, slew rate limiting outputs, 300
Ω power-off source
impedance, and output typically switching to within 25% of the supply rails. The receivers
can handle up to
±25 V while presenting 3 to 7 kΩ impedance. Hysteresis in the receivers
aid in the reception of noisy signals. By combining both drivers and receivers in a single


Similar Part No. - IN145406

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN145403 INTEGRAL-IN145403 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
IN145404 INTEGRAL-IN145404 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
IN145405 INTEGRAL-IN145405 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
IN145408 INTEGRAL-IN145408 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
More results

Similar Description - IN145406

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145403 INTEGRAL-IN145403 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com