Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1099 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1099
Description  Low-Frequency Dual EconOscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1099 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1099_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
The DS1099 consists of a fixed-frequency 1.048MHz
master oscillator followed by two independent facto-
ry-programmable dividers. The two divider outputs
are connected to pins OUT0 and OUT1, which are
independently enabled/disabled using the output-enable
pins, OE0 and OE1, respectively. When the output-en-
able pins are active (low), the corresponding outputs are
enabled. If either output-enable pin is tied to its inactive
state (high), then the corresponding output is disabled
and forced high immediately. The output- enable pins only
disable the corresponding output driver(s) and do not shut
down the master oscillator or the dividers.
Since the master oscillator frequency, fMOSC, is fixed, the
frequency of OUT0 and OUT1 is determined by DIVIDER
0 and DIVIDER 1, respectively. And since each output
has its own divider, fOUT0 and fOUT1 can be programmed
independent of each other.
The frequency of the outputs are calculated as follows:
fOUT0 = fMOSC/2X0 = 1.048MHz/2X0
fOUT1 = fMOSC/2X1 = 1.048MHz/2X1
where X0 is the DIVIDER 0 setting and X1 is the DIVIDER
1 setting. Valid values for X0 and X1 are integers 0 to 22
(dec).
Table 1 shows output frequencies and divider values for
the range of divider settings.
Table 1. Divider Settings and Output
Frequencies
DIVIDER SETTING
X0 OR X1
DIVISOR
fOUT0 OR fOUT1
0
1
1.048MHz
1
2
0.524MHz
2
4
0.262MHz
3
8
0.131MHz
4
16
65.50kHz
5
32
32.75kHz
19
524,288
2Hz
20
1,048,576
1Hz
21
2,097,152
0.5Hz
22
4,194,304
0.25Hz
GND
MASTER
OSCILLATOR
1.048MHz
DIVIDER 0
DIVIDE BY 2X
(X = X0 = 0...22)
DIVIDER 1
DIVIDE BY 2X
(X = X1 = 0...22)
VCC
VCC
OE1
OE0
OUT0
OUT1
fOUT0
fOUT1
fMOSC
FACTORY-
PROGRAMMED
EEPROM
OUTPUT
DRIVER
OUTPUT
DRIVER
DS1099
Functional Diagram
DS1099
Low-Frequency Dual EconOscillator
www.maximintegrated.com
Maxim Integrated │ 5


Similar Part No. - DS1099_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099U DALLAS-DS1099U Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099U MAXIM-DS1099U Datasheet
119Kb / 6P
Low-Frequency Dual EconOscillator
Rev 1; 9/07
More results

Similar Description - DS1099_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com