Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1099 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1099
Description  Low-Frequency Dual EconOscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1099 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1099_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Voltage Range on VCC Relative to Ground .........-0.5V to +6.0V
Voltage Range on OE0 and OE1
Relative to Ground .................................. -0.5V to (VCC + 0.5V),
not to exceed 6.0V
Operating Temperature Range......................... -40°C to +125°C
Storage Temperature Range............................ -55°C to +125°C
Soldering Temperature ......................................See IPC/JEDEC
J-STD-020A Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
(VCC = +2.7V to +5.5V, TA = -40°C to +125°C, unless otherwise noted.)
(TA = -40°C to +125°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Supply Current
ISTBY
OE0 = OE1 = VCC
145
275
µA
Active Supply Current (Note 2)
ICC
CL = 15pF per output,
OE0 = OE1 = GND,
VCC = 3.3V
1.048MHz (both)
323
µA
4kHz (both)
146
1Hz (both)
145
High-Level Output Voltage
(OUT0, OUT1)
VOH
IOH = -1mA, VCC = MIN
2.4
V
Low-Level Output Voltage
(OUT0, OUT1)
VOL
IOL = 16mA (-40°C to +85°C)
IOL = 12mA (-40°C to +125°C)
0.4
V
High-Level Input Current
(OE0, OE1)
IIH
VIH = VCC
+1.0
µA
Low-Level Input Current
(OE0, OE1)
IIL
VIL = 0.0V
-1.0
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
5.5
V
Input Logic 1 (OE0, OE1)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (OE0, OE1)
VIL
-0.3
+0.3 x
VCC
V
DC Electrical Characteristics
Recommended DC Operating Conditions
Absolute Maximum Ratings
DS1099
Low-Frequency Dual EconOscillator
www.maximintegrated.com
Maxim Integrated │ 2


Similar Part No. - DS1099_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099U DALLAS-DS1099U Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099U MAXIM-DS1099U Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
More results

Similar Description - DS1099_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com