Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1099 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1099
Description  Low-Frequency Dual EconOscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1099 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1099_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1099_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
The divider settings, X0 and X1, are factory pro-
grammed. When placing an order for the DS1099, it is
required to specify X0 and X1. If only one output is used,
it is recommended that the unused output be disabled.
The oscillator outputs are asynchronous. Since the
master oscillator and dividers are free running, even
when both outputs are disabled, the state of the output
when OE becomes active is unknown for up to half an
fOUT period. When OE is brought low, the output is
enabled instantaneously. Likewise, if the output is dis-
abled while outputting the low half of a cycle, the out-
put instantaneously is forced high before the current
cycle is completed.
Applications Information
Power-Supply Decoupling
To achieve best results, it is highly recommended that
a decoupling capacitor is used on the IC power-supply
pins. Typical values of decoupling capacitors are 0.01µF
and 0.1µF. Use a high-quality, ceramic, surface-mount
capacitor, and mount it as close as possible to the VCC
and GND pins of the IC to minimize lead inductance.
a
DIVISOR
fOUT
A
20
1.048MHz
B
21
0.524MHz
C
22
0.262MHz
D
23
0.131MHz
E
24
65.50kHz
F
25
32.750kHz
G
26
16.375kHz
H
27
8.187kHz
J
28
4.093kHz
K
29
2.046kHz
L
210
1.023kHz
M
211
511.7Hz
N
212
255.8Hz
P
213
127.9Hz
Q
214
63.96Hz
R
215
31.98Hz
S
216
16Hz
T
217
8Hz
U
218
4Hz
W
219
2Hz
X
220
1Hz
Y
221
0.5Hz
Z
222
0.25Hz
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates
RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package
regardless of RoHS status.
Branding Information
The package branding includes a0 and a1 on the top of
the package next to or below 1099.
Ordering Information (continued)
Chip Topology
SUBSTRATE CONNECTED TO Ground
DS1099
Low-Frequency Dual EconOscillator
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - DS1099_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099U DALLAS-DS1099U Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099U MAXIM-DS1099U Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
More results

Similar Description - DS1099_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com