Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1088L Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1088L
Description  Fixed-Frequency EconOscillator?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088L Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1088L_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 7Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.1
2.9
4
5
6
7
8
9
10
3
2.7
3.5
TA = +25°C
CL = 1.8pF
133MHz
100MHz
80MHz
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.9
3.1
3.3
3.5
7
8
9
10
11
12
13
14
15
6
2.7
TA = +25°C
CL = 15pF
133MHz
100MHz
80MHz
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
80
55
30
5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
1.5
-20
VPDN = 0V
VCC = 3.3V
FREQUENCY ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.9
3.1
3.3
3.5
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
2.7
TA = +25°C
CL || RL = 1.8pF || 500Ω
133MHz
100MHz
80MHz
FREQUENCY ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
80
55
30
5
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.4
-20
VCC = 3.3V
100MHz
133MHz
100MHz
80MHz
80MHz
TA = +25°C
CL || RL = 1.8pF || 500Ω
DUTY CYCLE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.1
2.9
3.3
50
51
52
53
54
55
56
49
2.7
3.5
133MHz
100MHz
80MHz
TA = +25°C
CL || RL = 1.8pF || 500Ω
DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (°C)
80
55
5
30
49
50
51
52
54
53
55
56
48
-20
133MHz
100MHz
80MHz
VCC = 3.3V
TA = +25°C
CL || RL = 1.8pF || 500W
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
55
30
5
4
5
6
7
8
9
10
3
-20
80
VCC = 3.3V
CL = 1.8pF
133MHz
100MHz
80MHz
DS1088L
Fixed-Frequency EconOscillator™
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics


Similar Part No. - DS1088L_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1088LU-02 DALLAS-DS1088LU-02 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1088LU-02++ MAXIM-DS1088LU-02+ Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088LU-10 DALLAS-DS1088LU-10 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1088LU-10++ MAXIM-DS1088LU-10+ Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088LU-100 DALLAS-DS1088LU-100 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
More results

Similar Description - DS1088L_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
3.3V EconOscillator Frequency Synthesizer
051606
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com