Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1088L Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1088L
Description  Fixed-Frequency EconOscillator?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088L Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1088L_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 7Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(VCC = 2.7V to 3.6V, TA = -20°C to +85°C, unless otherwise noted.)
(VCC = 2.7V to 3.6V, TA = -20°C to +85°C, unless otherwise noted.)
Note 1: All voltages are referenced to ground.
Note 2: Typical frequency shift due to aging is within ±0.2%. Aging stressing includes level 1 moisture reflow preconditioning (24hr
+125°C bake, 168hr +85°C/85%RH moisture soak, and three solder reflow passes +240°C +0°C/-5°C peak) followed
by1000hr (max) VCC biased +125°C OP/L, 1000hr unbiased +150°C bake, 1000 temperature cycles at -55°C to +125°C,
and 168hr +121°C/2 ATM steam/unbiased autoclave.
Note 3: This is the change in output frequency due to changes in voltage at TA = +25°C.
Note 4: Guaranteed by design.
Note 5: This is the change in output frequency due to changes in temperature from the +25°C frequency at VCC = 3.3V.
Note 6: This indicates the time elapsed between power-up and the output becoming active. An on-chip delay is intentionally intro-
duced to allow the oscillator to stabilize. tSTAB is equivalent to approximately 512 clock cycles and will depend on the pro-
grammed oscillator frequency.
Note 7: Output disabled in two cycles or less of the output frequency.
Note 8: Output voltage swings may be impaired at high frequencies combined with high-output loading.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency Range
Available
fO
0.3124
133.3
MHz
Output Frequency Tolerance
O
O
f
f
VCC = 3.3V, TA = +25°C (Note 2)
-0.3
+0.3
%
Voltage Frequency Variation
V
O
f
f
Over voltage range, TA = +25°C (Note 3)
-0.35
+0.35
%
Temperature Frequency Variation
T
O
f
f
Over temperature
range, VCC = 3.3V
(Notes 4, 5)
-20°C to +25°C
-0.7
+0.7
%
+25°C to +85°C
-0.5
+0.5
Frequency Variation Over Voltage
and Temperature
V,T
O
f
f
Over voltage and temperature range
-1.0
+1.0
%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Up Time
tPOR +
tSTAB
(Note 6)
100
µs
OUT Disabled After Entering
Power-Down Mode
tPDN
(Note 7)
7
µs
Load Capacitance
CL
(Note 8)
15
50
pF
Output Duty Cycle (OUT)
fO < 80MHz, fO ≥ 80MHz
40
60
%
fO < 80MHz
50
DS1088L
Fixed-Frequency EconOscillator™
www.maximintegrated.com
Maxim Integrated │ 3
AC Electrical Characteristics
Oscillator Characteristics


Similar Part No. - DS1088L_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1088LU-02 DALLAS-DS1088LU-02 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1088LU-02++ MAXIM-DS1088LU-02+ Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088LU-10 DALLAS-DS1088LU-10 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1088LU-10++ MAXIM-DS1088LU-10+ Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088LU-100 DALLAS-DS1088LU-100 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
More results

Similar Description - DS1088L_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
3.3V EconOscillator Frequency Synthesizer
051606
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com