Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1088L Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1088L
Description  Fixed-Frequency EconOscillator?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088L Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1088L_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 7Page - Maxim Integrated Products DS1088L_V01 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(Voltages relative to ground.)
Voltage Range on VCC.........................................-0.5V to +6.0V
Voltage Range on PDN ...........................-0.5V to (VCC + 0.5V)*
Operating Temperature Range........................... -20°C to +85°C
Storage Temperature Range............................ -55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
*Not to exceed +6.0V.
(VCC = 2.7V to 3.6V, TA = -20°C to +85°C, unless otherwise noted.)
(TA = -20°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.6
V
High-Level Input Voltage (PDN)
VIH
0.7 x VCC
VCC + 0.3
V
Low-Level Input Voltage (PDN)
VIL
-0.3
0.3 x VCC
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = MIN
VCC - 0.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
High-Level Input Current (PDN)
IIH
VCC = 3.6V
1
µA
Low-Level Input Current (PDN)
IIL
VIL = 0V
-1
µA
Supply Current (Active)
ICC
VCC = 3.6V, CL = 15pF, fO = 133MHz
15
24
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
10
µA
DS1088L
Fixed-Frequency EconOscillator™
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics
Recommended Operating Conditions


Similar Part No. - DS1088L_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1088LU-02 DALLAS-DS1088LU-02 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1088LU-02++ MAXIM-DS1088LU-02+ Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088LU-10 DALLAS-DS1088LU-10 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1088LU-10++ MAXIM-DS1088LU-10+ Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088LU-100 DALLAS-DS1088LU-100 Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
More results

Similar Description - DS1088L_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
3.3V EconOscillator Frequency Synthesizer
051606
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com