Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077L Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1077L
Description  3V EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1077L Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1077L Datasheet HTML 1Page - Maxim Integrated Products DS1077L Datasheet HTML 2Page - Maxim Integrated Products DS1077L Datasheet HTML 3Page - Maxim Integrated Products DS1077L Datasheet HTML 4Page - Maxim Integrated Products DS1077L Datasheet HTML 5Page - Maxim Integrated Products DS1077L Datasheet HTML 6Page - Maxim Integrated Products DS1077L Datasheet HTML 7Page - Maxim Integrated Products DS1077L Datasheet HTML 8Page - Maxim Integrated Products DS1077L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS1077L
4 of 21
TABLE 1
EN0
(BIT)
SEL0
(BIT)
PDN0
(BIT)
CTRL0
(PIN)
OUT0
(PIN)
CTRL0
FUNCTION
DEVICE
MODE
1
Hi-Z
(OUT1 and OUT2)
Power-Down
0
0
0
0
Hi-Z
Power-Down*
Active
1
Master Clk/M
0
1
0
0
Master Clk
MUX Select
Active
1
Hi-Z
1
0
0
0
Master Clk
Output Enable
Active
1
Hi-Z
1
1
0
0
Master Clk/M
Output Enable
Active**
1
Hi-Z
(OUT1 and OUT2)
Power-Down
X
0
1
0
Master Clk
Power-Down
Active
1
Hi-Z
Power-Down
X
1
1
0
Master Clk/M
Power-Down
Active
*This mode is for applications where OUT0 is not used, but CTRL0 is used as a device shutdown.
**Default Condition
CONTROL PIN 1 (CTRL1) – A multifunctional input pin that can be selected as an output enable
and/or a power-down. Its function is determined by the user-programmable control register value of
PDN1. (See Table 2.)
TABLE 2
PDN1
(BIT)
CTRL1
(PIN)
CTRL1
FUNCTION
OUT 1
DEVICE MODE
0
0
Output Enable
Out Clk
Active*
0
1
Output Enable
Hi-Z
Active*
1
0
Power-Down
Out Clk
Active
1
1
Power-Down
Hi-Z
(OUT1 and OUT2)
Power-Down
*Default Condition
NOTE:
Both CTRL0 and CTRL1 can be configured as power-downs, they are internally “OR” connected so that
either of the control pins may be used to provide a power-down function for the whole device, subject to
appropriate settings of the PDN0 and PDN1 register bits. (See Table 3.)


Similar Part No. - DS1077L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-60 DALLAS-DS1077LU-60 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-66 DALLAS-DS1077LU-66 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
More results

Similar Description - DS1077L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com