Electronic Components Datasheet Search |
|
DS1077L Datasheet(PDF) 16 Page - Maxim Integrated Products |
|
DS1077L Datasheet(HTML) 16 Page - Maxim Integrated Products |
16 / 21 page DS1077L 16 of 21 NOTES: 1) All voltages are referenced to ground. 2) 4.87kHz is obtained from a -40MHz standard part. 3) Output voltage swings may be impaired at high frequencies combined with high output loading. 4) After this period, the first clock pulse is generated. 5) A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH MIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL. 6) The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the SCL signal. 7) A fast mode device can be used in a standard mode system, but the requirement tSU:DAT >250ns must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR MAX + tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released. 8) CB — Total capacitance of one bus line in pF. 9) Jitter accumulates over N clock cycles as: (3 sigma jitter)(no. of cycles)0.65. 10) Typical frequency shift due to aging is ±0.5%. Aging stressing includes Level 3 preconditioning with 1000 temperature cycles of -55°C to +125°C, 336hr max VCC biased +125°C bake. Level 3 preconditioning consists of a 24hr +125°C storage bake, 192hr moisture soak at +30°C/60% R.H., and three solder reflow passes. TIMING DIAGRAM SU:STO t t SP HD:STA t t SU:STA SU:DAT t tHIGH R t t LOW tHD:STA SCL START SDA STOP tBUF tF REPEATED START tHD:DAT ORDERING INFORMATION: DS1077L Master Frequency (MHz) 40, 50, 60, 66.66 PACKAGE TYPE: Z = SO (150MIL) U = µSOP |
Similar Part No. - DS1077L |
|
Similar Description - DS1077L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |