Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077L Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS1077L
Description  3V EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1077L Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS1077L Datasheet HTML 11Page - Maxim Integrated Products DS1077L Datasheet HTML 12Page - Maxim Integrated Products DS1077L Datasheet HTML 13Page - Maxim Integrated Products DS1077L Datasheet HTML 14Page - Maxim Integrated Products DS1077L Datasheet HTML 15Page - Maxim Integrated Products DS1077L Datasheet HTML 16Page - Maxim Integrated Products DS1077L Datasheet HTML 17Page - Maxim Integrated Products DS1077L Datasheet HTML 18Page - Maxim Integrated Products DS1077L Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DS1077L
15 of 21
AC ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE
(-40
°C to +85°C, VCC= 2.7V to 3.6V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
NOTES
Fast Mode
400
SCL Clock Frequency
fSCL
Standard Mode
100
kHz
Fast Mode
1.3
Bus Free Time Between
a STOP and START
Condition
tBUF
Standard Mode
4.7
µs
Fast Mode
0.6
Hold Time (Repeated)
START Condition.
tHD:STA
Standard Mode
4.0
µs
5
Fast Mode
1.3
LOW Period of SCL
tLOW
Standard Mode
4.7
µs
Fast Mode
0.6
HIGH Period of SCL
tHIGH
Standard Mode
4.0
µs
Fast Mode
0.6
Setup Time for a
Repeated START
tSU:STA
Standard Mode
4.7
µs
Fast Mode
0
Data Hold Time
tHD:DAT
Standard Mode
0
0.9
µs
6, 7
Fast Mode
100
Data Setup Time
tSU:DAT
Standard Mode
250
ns
Fast Mode
300
Rise Time of Both SDA
and SCL Signals
tR
Standard Mode
20 +
0.1CB
1000
ns
8
Fast Mode
Fall Time of Both SDA
and SCL Signals
tF
Standard Mode
20 +
0.1CB
300
ns
8
Fast Mode
0.6
Setup Time for STOP
tSU:STO
Standard Mode
4.0
µs
Capacitive Load for Each
Bus Line
CB
400
pF
8
Input Capacitance
CI
5
pF
NONVOLATILE MEMORY CHARACTERISTICS
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
Writes
+85°C
10,000


Similar Part No. - DS1077L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-60 DALLAS-DS1077LU-60 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-66 DALLAS-DS1077LU-66 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
More results

Similar Description - DS1077L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com