Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077L Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1077L
Description  3V EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1077L Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1077L Datasheet HTML 9Page - Maxim Integrated Products DS1077L Datasheet HTML 10Page - Maxim Integrated Products DS1077L Datasheet HTML 11Page - Maxim Integrated Products DS1077L Datasheet HTML 12Page - Maxim Integrated Products DS1077L Datasheet HTML 13Page - Maxim Integrated Products DS1077L Datasheet HTML 14Page - Maxim Integrated Products DS1077L Datasheet HTML 15Page - Maxim Integrated Products DS1077L Datasheet HTML 16Page - Maxim Integrated Products DS1077L Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS1077L
13 of 21
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-0.5V to 6.0V
Operating Temperature Range
-40°C to +85°C
Programming Temperature Range
0
°C to +70°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020A Specification
DC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, VCC = 2.7V to 3.6V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
2.7
3.6
V
1
High-Level Output
Voltage
(OUT1, OUT0)
VOH
IOH = -4mA,
VCC = MIN
2.4
V
Low-Level Output
Voltage
(OUT1, OUT0)
VOL
IOL = 4mA
0.4
V
SDA and SCL
0.7VCC
High-Level Input Voltage
VIH
CTRL0 and CTRL1
1.4
VCC + 0.3
V
SDA and SCL
0.3VCC
Low-Level Input Voltage
VIL
CTRL0 and CTRL1
VCC - 0.3
0.6
V
High-Level Input Current
(CTRL1, CTRL0, SDA,
SCL)
IIH
VIH = VCC = 3.6V
1
µA
Low-Level Input Current
(CTRL1, CTRL0, SDA,
SCL)
IIL
VCC = 3.6V,
VIL = 0
-1
µA
Supply Current (Active)
DS1077L-66
DS1077L-60
DS1077L-50
DS1077L-40
ICC
CL = 15pF
(both outputs)
(-40
°C to +85°C)
30
25
20
15
mA
0
°C to +70°C
1
5
Standby Current
(Power-Down Mode)
ICCQ
-40
°C to +85°C
10
µA


Similar Part No. - DS1077L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-60 DALLAS-DS1077LU-60 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-66 DALLAS-DS1077LU-66 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
More results

Similar Description - DS1077L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com