Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077L Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS1077L
Description  3V EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1077L Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS1077L Datasheet HTML 8Page - Maxim Integrated Products DS1077L Datasheet HTML 9Page - Maxim Integrated Products DS1077L Datasheet HTML 10Page - Maxim Integrated Products DS1077L Datasheet HTML 11Page - Maxim Integrated Products DS1077L Datasheet HTML 12Page - Maxim Integrated Products DS1077L Datasheet HTML 13Page - Maxim Integrated Products DS1077L Datasheet HTML 14Page - Maxim Integrated Products DS1077L Datasheet HTML 15Page - Maxim Integrated Products DS1077L Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DS1077L
12 of 21
COMMAND SET
Data and control information is read from and written to the DS1077L in the format shown in Figure 3. To
write to the DS1077L, the master will issue the slave address of the DS1077L and the R/ W bit will be set to
0. After receiving an acknowledge, the bus master provides a command protocol. After receiving this
protocol, the DS1077L will issue an acknowledge, and then the master can send data to the DS1077L. If the
DS1077L is to be read, the master must send the command protocol as before, and then issue a repeat
START condition and then the control byte again, this time with the R/ W bit set to one to allow reading of
the data from the DS1077L. The command set for the DS1077L is as follows:
Access DIV [01]
If R/ W = 0, this command writes to the DIV register. After issuing this command, the next data byte value
is to be written into the DIV register.
If R/ W = 1, the next data byte read is the value stored in the DIV register.
Access MUX [02]
If R/ W = 0, this command writes to the MUX register. After issuing this command, the next data byte value
is to be written into the MUX register.
If R/ W = 1, the next data byte read is the value stored in the MUX register.
Access BUS [0D]
If R/ W = 0, this command writes to the BUS register. After issuing this command, the next data byte value
is to be written into the BUS register.
If R/ W = 1, the next data byte read is the value stored in the BUS register.
Write E2 [3F]
If WC = 0, the EEPROM is automatically written to at the end of each command, this is a DEFAULT
condition. In this case the command WRITE E2 is not needed
If WC = 1, the EEPROM is written when the WRITE E2 command is issued. On receipt of the WRITE E2
command the contents of the BUS, DIV, and MUX registers are written into the EEPROM, thus locking in
the register settings.
EXCEPTION: The BUS, DIV, and MUX registers are always automatically written to EEPROM after a
write to the BUS register regardless of the value of the WC bit.
APPLICATION INFORMATION
Power-Supply Decoupling
To achieve best results, decouple the power supply with 0.01µF and 0.1µF high-quality, ceramic, surface-
mount capacitors as close as possible to VCC/GND of the device. Surface-mount components minimize lead
inductance, which improves performance, and ceramic capacitors tend to have adequate high-frequency
response for decoupling applications.
Current Consumption
The active supply current can be significantly reduced by disabling OUT0 when not required and setting its
prescaler to divide by 8. Likewise, bypassing OUT1’s divider (and using only the prescaler) also
significantly reduces the supply current.


Similar Part No. - DS1077L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
3V EconOscillator/Divider
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
3V EconOscillator/Divider
DS1077LU-60 DALLAS-DS1077LU-60 Datasheet
274Kb / 20P
3V EconOscillator/Divider
DS1077LU-66 DALLAS-DS1077LU-66 Datasheet
274Kb / 20P
3V EconOscillator/Divider
More results

Similar Description - DS1077L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
EconOscillator/Divider
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
3V EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
EconOscillator/Divider
011006
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com