Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1077L
Description  3V EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1077L Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1077L Datasheet HTML 1Page - Maxim Integrated Products DS1077L Datasheet HTML 2Page - Maxim Integrated Products DS1077L Datasheet HTML 3Page - Maxim Integrated Products DS1077L Datasheet HTML 4Page - Maxim Integrated Products DS1077L Datasheet HTML 5Page - Maxim Integrated Products DS1077L Datasheet HTML 6Page - Maxim Integrated Products DS1077L Datasheet HTML 7Page - Maxim Integrated Products DS1077L Datasheet HTML 8Page - Maxim Integrated Products DS1077L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
011006
FEATURES
§ Processor-controlled or stand-alone solid-
state oscillator
§ Frequency changes on the fly
§ Dual, low-jitter, synchronous fixed-
frequency outputs
§ 2-wire serial interface
§ Frequency outputs 4.87kHz to 66.666MHz
±1.25% variation over temperature and
voltage
§ ±0.5% initial tolerance
§ Nonvolatile frequency settings
§ Single 2.7V to 3.6V supply
§ No external components
§ Power-down mode
§ Synchronous output gating
STANDARD FREQUENCY OPTION
Note: x denotes package option
DS1077Lx-40
40.000MHz to 4.87kHz
DS1077Lx-50
50.000MHz to 6.09kHz
DS1077Lx-60
60.000MHz to 7.32kHz
DS1077Lx-66
66.666MHz to 8.13kHz
Contact the factory for the availability of
additional frequencies.
PIN ASSIGNMENTS
OUT1
OUT0
1
2
3
4
GND
SCL
CTRL0
CTRL1
SDA
8
7
6
5
VCC
PIN DESCRIPTIONS
OUT1
- Main Oscillator Output
OUT0
- Reference Output
VCC
- Power-Supply Voltage
GND
- Ground
CTRL1
- Control Pin for OUT1
CTRL0
- Control Pin for OUT0
SDA
- 2-Wire Serial Data
Input/Output
SCL
- 2-Wire Serial Clock
ORDERING INFORMATION
Note: XXX denotes frequency option
DS1077LZ-XXX
8-pin 150mil SO
DS1077LU-XXX
8-pin 118mil µSOP
DESCRIPTION
The DS1077L is a dual-output, programmable, fixed-frequency oscillator requiring no external
components for operation. The DS1077L can be used as a processor-controlled frequency synthesizer or
as a stand-alone oscillator. The two synchronous output operating frequencies are user-adjustable in
submultiples of the master frequency through the use of two on-chip programmable prescalers and
dividers. The specific output frequencies chosen are stored in nonvolatile (EEPROM) memory. The
DS1077L defaults to these values upon power-up.
The DS1077L features a 2-wire serial interface that allows in-circuit on-the-fly programming of the
programmable prescalers (P0 & P1) and divider (N) with the desired values being stored in nonvolatile
(EEPROM) memory. Design changes can be accommodated in-circuit, on-the-fly by simply programming
different values into the device (or reprogramming previously programmed devices). Alternatively, for
fixed-frequency applications previously programmed devices can be used and no connection to the serial
interface is required. Preprogrammed devices can be ordered in customer-requested frequencies.
The DS1077L is available in SO or µSOP packages, allowing the generation of a clock signal easily,
economically, and using minimal board area. Chip-scale packaging is also available on request.
DS1077L
3V EconOscillator/Divider
www.maxim-ic.com
150mil SO
118mil µSOP


Similar Part No. - DS1077L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-60 DALLAS-DS1077LU-60 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-66 DALLAS-DS1077LU-66 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
More results

Similar Description - DS1077L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com