Electronic Components Datasheet Search |
|
DS1077L Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
|
DS1077L Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 21 page DS1077L 6 of 21 EN0 (bit) (Default EN0 = 1) If EN0 = 1 and PDN0 = 0, the CTRL0 pin functions as an output enable for OUT0, the frequency of the output is determined by the SEL0 bit. If PDN0 = 1, the EN0 bit is ignored, CTRL0 will function as a power-down, output OUT0 will always be enabled on power-up, and its frequency is determined by the SEL0 bit. If EN0 = 0, the function of CTRL0 is determined by the SEL0 and PDN0 bits. (See Table 1.) SEL0 (Default SEL0 = 1) If SEL0 = 1 and EN0 = PDN0 = 0, the CTRL0 pin determines the state of the MUX, (i.e., the output frequency of OUT0). If CTRL0 = 0, the output will be the master clock frequency. If CTRL0 = 1, the output will be the output frequency of the M prescaler. If either EN0 or PDN0 = 1, then SEL0 determines the frequency of OUT0 when it is enabled. If SEL0 = 0, the output will be the master clock frequency. If SEL0 = 1, the output will be the output frequency of the M prescaler. (See Table 1.) PDN0 (Default PDN0 = 0) This bit (if set to 1) causes CTRL0 to perform a power-down function, regardless of the setting of the other bits. If PDN0 = 0, the function of CTRL0 is determined by the values of EN0 and SEL0. NOTE: When EN0 = SEL0 = PDN0 = 0, CTRL0 also functions as a power-down. This is a special case where all the OUT0 circuitry is disabled even when the device is powered up. This feature can be used to save power when OUT0 is not used. (See Table 1.) PDN1 (Default PDN1 = 0) If PDN1 = 1, CTRL1 will function as a power-down. If PDN1 = 0, CTRL1 functions as an output enable for OUT1 only. (See Table 2.) NOTES (ON OUTPUT ENABLE AND POWER-DOWN): 1. Both enables are “smart” and wait for the output to be low before going to Hi-Z. 2. Power-down sequence first disables both outputs before powering down the device. 3. On power-up, the outputs are disabled until the clock has stabilized (~8000 cycles). 4. The device cannot be programmed in power-down mode. 5. A power-down command must persist for at least 2 cycles of the lowest output frequency plus 10µs. DIV WORD MSB LSB MSB LSB N9 N8 N7 N6 N5 N4 N3 N2 N1 N0 X X X X X X first data byte second data byte N These ten bits determine the value of the programmable divider (N). The range of divisor values is from 2 to 1025, and is equal to the programmed value of N plus 2. (See Table 5.) |
Similar Part No. - DS1077L |
|
Similar Description - DS1077L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |