Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1075 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1075
Description  DS1075X-M Crystal Replacement Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1075 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1075 Datasheet HTML 1Page - Maxim Integrated Products DS1075 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
011101
Use the Module for Quick and Easy Evaluation of the DS1075
EconOscillator in Existing Crystal-Based Oscillator Designs
§ Matches common 8-pin and 14-pin crystal oscillator footprints
§ Evaluate the DS1075 in existing crystal oscillator applications
§ Output-enable function
§ Programmable output frequencies from 27kHz to 100kHz
Dallas Semiconductor's DS1075 EconOscillator™ offers designers a programmable replacement for bulky
resonators and oscillators. A single-chip, fixed-frequency oscillator, the DS1075 can be programmed to
produce a set frequency between 27kHz and 100MHz.
A programmable EEPROM divider and prescaler is used to produce the desired output frequencies. These
values can either be pre-programmed at the factory or user-configured. The chip maintains a 1% accuracy
over the specified temperature and voltage ranges. No external components are required, so the DS1075
saves board space for other functions.
The DS1075X-M Crystal Replacement Module is an evaluation tool allowing the installation of the DS1075
EconOscillator in an existing 8-pin and 14-pin oscillator sockets. The DS1075X-M consists of a printed
circuit board containing a DS1075Z but with the footprint and pinout matching most standard oscillator
footprints. The DS1075X-M is available in 30MHz, 33.333MHz, 40MHz, and 50MHz. Special frequencies
are available on request. Contact Maxim Direct for free samples or further information. Supplies are limited
to the quantities at hand.
The DS1075K, an evaluation and programming kit for the DS1075, is also available for $99.
Application Note 172
DS1075X-M Crystal Replacement Module
www.maxim-ic.com
EconOscillator is a trademark of Dallas Semiconductor.


Similar Part No. - DS1075

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1075 MAXIM-DS1075 Datasheet
133Kb / 1P
Oscillator Programming/ Evaluation Kit
090302
logo
Dallas Semiconductor
DS1075-100 DALLAS-DS1075-100 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1075-60 DALLAS-DS1075-60 Datasheet
251Kb / 18P
EconOscillator/Divider
More results

Similar Description - DS1075

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CMD4A CRYSTEKCRYSTAL-CMD4A Datasheet
56Kb / 1P
Replacement for Plastic SMD Crystal
logo
PHOENIX CONTACT
2806600 PHOENIX-2806600 Datasheet
69Kb / 2P
Replacement fuse for INTERBUS-ST module
1212080 PHOENIX-1212080 Datasheet
51Kb / 3P
Replacement die - CRIMPFOX-M 10/DIE
1212085 PHOENIX-1212085 Datasheet
51Kb / 3P
Replacement die - CRIMPFOX-M SC 6/DIE
1212086 PHOENIX-1212086 Datasheet
49Kb / 3P
Replacement die - CRIMPFOX-M FO/DIE
1212088 PHOENIX-1212088 Datasheet
50Kb / 3P
Replacement die - CRIMPFOX-M CX-2/DIE
1212282 PHOENIX-1212282 Datasheet
48Kb / 3P
Replacement die - CRIMPFOX-M HS-1/DIE
1212742 PHOENIX-1212742 Datasheet
44Kb / 2P
Replacement die - CRIMPFOX-M SCA 2,5/DIE
1219092 PHOENIX-1219092 Datasheet
48Kb / 3P
Replacement die - CRIMPFOX-M HS/DIE
1212084 PHOENIX-1212084 Datasheet
53Kb / 3P
Replacement die - CRIMPFOX-M SC 2,5/DIE
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com