Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2421020000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2421020000
Description  CMA-31-200-5A-2,5VA-0,5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2421020000 Datasheet(HTML) 1 Page - Weidmuller

  2421020000 Datasheet HTML 1Page - Weidmuller 2421020000 Datasheet HTML 2Page - Weidmuller 2421020000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data sheet
 
 
Creation date November 4, 2021 1:41:02 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
1
CMA-31-200-5A-2,5VA-0,5
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
The pluggable current transformers are particularly
suitable for installation on the busbar.
Advantages:
• Screwless connection system with tension-clamp
terminal.
• Time-saving connection option for solid and flexible
conductors.
• Shock-proof and resistant to vibration, high mechanical
retention forces.
• High current resistance
General ordering data
 
Version
Primary current: 200 A, Secondary current max.:
5 A, Load: 2.5 VA, Tolerance class: 0,5, closed
current transformer
Order No.
2421020000
Type
CMA-31-200-5A-2,5VA-0,5
GTIN (EAN)
4050118428988
Qty.
1 pc(s).
 


Similar Part No. - 2421020000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
242102 AMPHENOL-242102 Datasheet
62Kb / 1P
SMA MALE TO BNC FEMALE ADATOR
More results

Similar Description - 2421020000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1482030000 WEIDMULLER-1482030000 Datasheet
869Kb / 3P
CMA-31-100-5A-2,5VA-1
2420890000 WEIDMULLER-2420890000 Datasheet
868Kb / 3P
CMA-31-750-5A-5VA-1
2420910000 WEIDMULLER-2420910000 Datasheet
868Kb / 3P
CMA-31-500-5A-5VA-1
2420920000 WEIDMULLER-2420920000 Datasheet
869Kb / 3P
CMA-31-400-5A-5VA-1
2420940000 WEIDMULLER-2420940000 Datasheet
869Kb / 3P
CMA-31-250-5A-5VA-1
2420960000 WEIDMULLER-2420960000 Datasheet
868Kb / 3P
CMA-31-150-5A-5VA-1
2420970000 WEIDMULLER-2420970000 Datasheet
868Kb / 3P
CMA-31-600-5A-5VA-0,5
2420980000 WEIDMULLER-2420980000 Datasheet
868Kb / 3P
CMA-31-400-5A-5VA-0,5
2420990000 WEIDMULLER-2420990000 Datasheet
868Kb / 3P
CMA-31-300-5A-5VA-0,5
logo
Shenzhen Luguang Electr...
SD5100 LUGUANG-SD5100 Datasheet
2Mb / 4P
5A 100 to 200 Volts Schottky Rectifier
Revision:20210915-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com