Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2421020000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2421020000
Description  CMA-31-200-5A-2,5VA-0,5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2421020000 Datasheet(HTML) 2 Page - Weidmuller

  2421020000 Datasheet HTML 1Page - Weidmuller 2421020000 Datasheet HTML 2Page - Weidmuller 2421020000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data sheet
 
CMA-31-200-5A-2,5VA-0,5
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:41:02 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
52 mm
  Depth (inches)
2.047 inch
Height
80.9 mm
  Height (inches)
3.185 inch
Width
60 mm
  Width (inches)
2.362 inch
Net weight
1 g
   
 
Temperatures
 
Storage temperature
-25 °C...70 °C
  Operating temperature
-5 °C...50 °C
 
Dimensions of live conductors
 
Installation location
Indoor use
  Rail
20 x 20 mm, 25 x 12 mm,
30 x 10 mm
Round conductor
25.7 mm
  Type of conductor
Insulated conductor only
 
Electrical attributes
 
Load
2.5 VA
  Primary current
200 A
Secondary current max.
5 A
  Tolerance class
0,5
 
Insulation coordination
 
Standard
IEC 61869-1: 2007, IEC
61869-2: 2012
  Tolerance class
0,5
 
Classifications
 
ETIM 6.0
EC002048
  ETIM 7.0
EC002048
ETIM 8.0
EC002048
  ECLASS 9.0
27-21-09-02
ECLASS 9.1
27-21-09-02
  ECLASS 10.0
27-21-09-02
ECLASS 11.0
27-21-09-02
   
 
Approvals
 
ROHS
Conform
 
Downloads
 
Approval/Certificate/Document of
Conformity
UL- certificate
User Documentation
instruction sheet english.pdf
Betriebsanleitung deutsch
Catalogues
Catalogues in PDF-format
 


Similar Part No. - 2421020000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
242102 AMPHENOL-242102 Datasheet
62Kb / 1P
SMA MALE TO BNC FEMALE ADATOR
More results

Similar Description - 2421020000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1482030000 WEIDMULLER-1482030000 Datasheet
869Kb / 3P
CMA-31-100-5A-2,5VA-1
2420890000 WEIDMULLER-2420890000 Datasheet
868Kb / 3P
CMA-31-750-5A-5VA-1
2420910000 WEIDMULLER-2420910000 Datasheet
868Kb / 3P
CMA-31-500-5A-5VA-1
2420920000 WEIDMULLER-2420920000 Datasheet
869Kb / 3P
CMA-31-400-5A-5VA-1
2420940000 WEIDMULLER-2420940000 Datasheet
869Kb / 3P
CMA-31-250-5A-5VA-1
2420960000 WEIDMULLER-2420960000 Datasheet
868Kb / 3P
CMA-31-150-5A-5VA-1
2420970000 WEIDMULLER-2420970000 Datasheet
868Kb / 3P
CMA-31-600-5A-5VA-0,5
2420980000 WEIDMULLER-2420980000 Datasheet
868Kb / 3P
CMA-31-400-5A-5VA-0,5
2420990000 WEIDMULLER-2420990000 Datasheet
868Kb / 3P
CMA-31-300-5A-5VA-0,5
logo
Shenzhen Luguang Electr...
SD5100 LUGUANG-SD5100 Datasheet
2Mb / 4P
5A 100 to 200 Volts Schottky Rectifier
Revision:20210915-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com