Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2702330 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2702330
Description  Industrial Ethernet Switch - FL SWITCH 2206-2FX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702330 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702330 Datasheet HTML 1Page - PHOENIX CONTACT 2702330 Datasheet HTML 2Page - PHOENIX CONTACT 2702330 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2702330
09/30/2021   Page 2 / 13
Industrial Ethernet Switch - FL SWITCH 2206-2FX - 2702330
Technical data
Dimensions
Depth
115 mm
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
10 % ... 95 % (non-condensing)
Air pressure (operation)
79 kPa ... 108 kPa up to 2000 m above mean sea level (Without
derating)
Air pressure (storage/transport)
79 kPa ... 108 kPa up to 2000 m above mean sea level (Without
derating)
Degree of pollution
2
Interfaces
Interface
Ethernet (RJ45)
No. of ports
6 (RJ45 ports)
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Copper
Transmission speed
10/100 Mbps
Transmission length
100 m (per segment)
Signal LEDs
Data receive, link status
Interface
Ethernet FO
No. of ports
2 (SC multi-mode)
Transmission physics
multi-mode fiberglass
Transmission speed
100 Mbps (full duplex)
Transmit capacity, minimum
-19 dBm
Transmit capacity, maximum
-14 dBm
Minimum receiver sensitivity
-32 dBm
Maximum receiver sensitivity
-14 dBm
Transmission length
11000 m (fiberglass with F-G 62.5/125 0.7 dB/km F1000)
6400 m (fiberglass with F-G 50/125 0.7 dB/km F1200)
3000 m (fiberglass with F-G 62.5/125 2.6 dB/km F600)
2800 m (fiberglass with F-G 50/125 1.6 dB/km F800)
Wavelength
1300 nm
Signal LEDs
Data receive, link status
Function
Basic functions
Store-and-forward switch, complies with IEEE 802.3
Configuration memory
max. 8 GByte (SD card)
Management
Web-based management (HTTP/HTTPS)
Role-based user management
SNMPv1/v2/v3


Similar Part No. - 2702330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702331 PHOENIX-2702331 Datasheet
83Kb / 5P
DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
2702333 PHOENIX-2702333 Datasheet
83Kb / 5P
DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702334 PHOENIX-2702334 Datasheet
84Kb / 5P
Web-based management, SNMP
2702336 PHOENIX-2702336 Datasheet
63Kb / 3P
Door position switch with 3 m cable with open cable end and 0.6 m cable with M8 socket (Snap-in), including mounting accessories
More results

Similar Description - 2702330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2702905 PHOENIX-2702905 Datasheet
334Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2214-2FX
2702969 PHOENIX-2702969 Datasheet
286Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2206-2SFX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
1095628 PHOENIX-1095628 Datasheet
807Kb / 23P
Industrial Ethernet Switch - FL SWITCH 2206C-2FX
Dec 2, 2022
1044028 PHOENIX-1044028 Datasheet
965Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2206-2SFXPN
Dec 2, 2022
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com